Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 17 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 13Page - ON Semiconductor FS6131 Datasheet HTML 14Page - ON Semiconductor FS6131 Datasheet HTML 15Page - ON Semiconductor FS6131 Datasheet HTML 16Page - ON Semiconductor FS6131 Datasheet HTML 17Page - ON Semiconductor FS6131 Datasheet HTML 18Page - ON Semiconductor FS6131 Datasheet HTML 19Page - ON Semiconductor FS6131 Datasheet HTML 20Page - ON Semiconductor FS6131 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
FS6131
Table 4: Device Configuration Bits
Name
Description
REFerence Divider SouRCe
Bit = 0
Crystal Oscillator (VCXO)
REFDSRC
(Bit 12)
Bit = 1
REF pin
main loop SHUT down select
Bit = 0
Disabled (main loop operates)
SHUT
(Bit 13)
Bit = 1
Enabled (main loop shuts down)
Phase Detector REFerence source
Bit = 0
Reference Divider
PDREF
(Bit 14)
Bit = 1
REF pin
Phase Detector FeedBacK source
Bit = 0
Feedback Divider
PDFBK
(Bit 15)
Bit = 1
FBK pin
FeedBacK Divider SouRCe
Bit 39 = 0
Bit 38 = 0
Post Divider Output
Bit 39 = 0
Bit 38 = 1
FBK pin
Bit 39 = 1
Bit 38 = 0
VCO Output (Post Divider Input)
FBKDSRC[1:0]
(Bits 39-38)
Bit 39 = 1
Bit 38 = 1
FBK pin
EXTernal Loop Filter select
Bit = 0
Internal Loop Filter
EXTLF
(Bit 42)
Bit = 1
EXTLF pin
OSCillator TYPe
Bit = 0
Low Phase Jitter Oscillator
OSCTYPE
(Bit 45)
Bit = 1
FS6031 Compatible Oscillator
OUTput MUltipleXer select
Bit 47 = 0
Bit 46 = 0
Main Loop PLL (VCO Output)
Bit 47 = 0
Bit 46 = 1
Reference Divider Output
Bit 47 = 1
Bit 46 = 0
Phase Detector Input
OUTMUX[1:0]
(Bits 47-46)
Bit 47 = 1
Bit 46 = 1
VCXO Output
clock GobBLer control
Bit = 0
No Clock Phase Adjust
GBL
(Bit 48)
Bit = 1
Clock Phase Delay
CLKP/CLKN output mode
Bit = 0
PECL Output
(positive-ECL output drive)
CMOS
(Bit 60)
Bit = 1
CMOS Output /
Lock Status Indicator
Rev. 4 | Page 17 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com