Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 31 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 27Page - ON Semiconductor FS6131 Datasheet HTML 28Page - ON Semiconductor FS6131 Datasheet HTML 29Page - ON Semiconductor FS6131 Datasheet HTML 30Page - ON Semiconductor FS6131 Datasheet HTML 31Page - ON Semiconductor FS6131 Datasheet HTML 32Page - ON Semiconductor FS6131 Datasheet HTML 33Page - ON Semiconductor FS6131 Datasheet HTML 34Page - ON Semiconductor FS6131 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
FS6131
Note: As an update to this data sheet, the FS6131 hardware is no longer available from ON SEMICONDUCTOR.
10.2.3. Example: Line-Locked Mode
Selecting the line-locked/genlock option in the Device Mode block changes the program default settings. The Reference Source
changes to the REF pin input, and a block appears to permit entry of the REF input frequency in MHz. A Desired Multiple block allows
entry of the reference frequency multiplying factor used to generate the output frequency.
Exercise: Change the ref pin frequency to 0.0315MHz, and alter the desired multiple to 800. Change the loop filter block to external,
but leave the values for C1 and R alone.
Click on Calculate Solutions. The program takes into account all of the current screen settings and calculates all possible
combinations of reference, feedback and post divider values that will generate an output frequency from the input frequency (31.5kHz)
multiplied by the desired multiple of 800.
A box will appear: "No solutions were found! Do you want to retry calculations with the check loop stability option turned off?" Choose
Yes.
Another box may momentarily appear: "Calculating Solutions: Press cancel to stop with the solutions calculated so far." A number in the
box will increment for every unique solution that is found. This example will create eight unique solutions, which are then displayed in a
window in the lower right portion of the program screen.
For best results, try to keep the PostDiv value multiplied by the FbkDiv value from getting larger than 5000 while running the VCO as
much above 70MHz as possible. If a tradeoff must be made, it is better to run the VCO faster and allow the divider values to get large.
Solution #3 provides a PostDiv value of 4 and a FbkDiv value of 800 for a combined value of 3200. The VCO is running at about
100MHz.
Click on Solution #3 to highlight the row, then click on Suggest in the Loop Filter box to have the program choose loop filter values.
Suggested values for an external loop filter are 4700pF and 47kW.
Now reselect the Check Loop Stability box to turn this feature on. Clicking on Calculate Solutions regenerates the same solutions
provided earlier, only this time the new loop filter values were used.
Figure 20: Line-Locked Screen
Rev. 4 | Page 31 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com