Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 20 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 16Page - ON Semiconductor FS6131 Datasheet HTML 17Page - ON Semiconductor FS6131 Datasheet HTML 18Page - ON Semiconductor FS6131 Datasheet HTML 19Page - ON Semiconductor FS6131 Datasheet HTML 20Page - ON Semiconductor FS6131 Datasheet HTML 21Page - ON Semiconductor FS6131 Datasheet HTML 22Page - ON Semiconductor FS6131 Datasheet HTML 23Page - ON Semiconductor FS6131 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
FS6131
Table 9: Crystal Loop Tuning Bits
Name
Description
Crystal Loop Charge Pump current
Bit 53 = 0
Bit 52 = 0
Current = 1.5
μA
Bit 53 = 0
Bit 52 = 1
Current = 5
μA
Bit 53 = 1
Bit 52 = 0
Current = 8
μA
XLCP[1:0]
(Bits 53-52)
Bit 53 = 1
Bit 52 = 1
Current = 24
μA
XLROM[2:0]
(Bits 51-49)
Crystal Loop Divider ROM select and Crystal Oscillator Power-Down
(see Error! Reference source not found.)
Crystal Loop Voltage fine Tune ENable
Bit = 0
Disabled (fine tune is inactive)
XLVTEN
(Bit 61)
Bit = 1
Enabled (fine tune is active)
Crystal Loop SWAP polarity
Bit = 0
Use with an external VCXO that increases in
frequency in response to an increasing voltage at
the XTUNE pin.
XLSWAP
(Bit 54)
Bit = 1
Use with a VCXO that increases in frequency in
response to a decreasing voltage at the XTUNE
pin.
Use this setting for Internal VCXO
Crystal Loop Power Down Enable
Bit = 0
Disabled (crystal loop operates)
XLPDEN
(Bit 55)
Bit = 1
Enabled
(crystal loop is powered down)
XCT[3:0]
(Bits 59-56)
Crystal Coarse Tune (see Table 11)
Table 10: Crystal Loop Control ROM
XLROM
[2]
XLROM
[1]
XLROM
[0]
VCXO Divider
Crystal Frequency (MHz)
0
0
0
1
-
0
0
1
3072
24.576
0
1
0
3156
25.248
0
1
1
2430
19.44
1
0
0
2500
20.00
1
0
1
4000
32.00
1
1
0
3375
27.00
1
1
1
Crystal oscillator power-down
6.1 VCXO Coarse Tune
The VCXO may be coarse tuned by a programmable adjustment of the crystal load capacitance via XCT[3:0]. The actual amount of
frequency warping caused by the tuning capacitance will depend on the crystal used. The VCXO tuning capacitance includes an
external 6pF load capacitance (12pF from the XIN pin to ground and 12pF from the XOUT pin to ground). The fine tuning capability of
the VCXO can be enabled by setting the XLVTEN bit to a logic-one, or disabled by setting the bit to a logic-zero.
Rev. 4 | Page 20 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com