Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 25 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 21Page - ON Semiconductor FS6131 Datasheet HTML 22Page - ON Semiconductor FS6131 Datasheet HTML 23Page - ON Semiconductor FS6131 Datasheet HTML 24Page - ON Semiconductor FS6131 Datasheet HTML 25Page - ON Semiconductor FS6131 Datasheet HTML 26Page - ON Semiconductor FS6131 Datasheet HTML 27Page - ON Semiconductor FS6131 Datasheet HTML 28Page - ON Semiconductor FS6131 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
FS6131
Table 15: AC Specifications (Continued)
Parameter
Symbol
Conditions/Description
Clock
(MHz)
Min.
Typ.
Max.
Units
Divider Modulus
Feedback Divider
NF
FBKDIV[13:0] (See also Table 2)
8
16383
Reference Divider
NR
REFDIV[11:0]
1
4095
NP1
POST1[1:0] (See also Table 8)
1
8
NP2
POST2[1:0] (See also Table 8)
1
5
Post Divider
NP3
POST3[1:0] (See also Table 8)
1
5
Clock Output (CLKP, CLKN)
Duty Cycle *
Ratio of pulse width (as measured from rising edge to next falling
edge at 2.5V) to one clock period
100
47
54
%
Rising edges 50ms apart at 2.5V, relative to an ideal clock,
CL=15pF, fREF=8kHz, NR=1, NF=193, NPx=64, CLF=0.054μF,
RLF=15.7kΩ, CLP=1800pF, OSCTYPE=0, MLCP=3, XLROM=7
1.544
270
Rising edges 50ms apart at 2.5V, relative to an ideal clock,
CL=15pF, fREF=15kHz, NR=1, NF=800, NPx=10, CLF=0.0246μF,
RLF=15.7kΩ, CLP=820pF, OSCTYPE=0, MLCP=3, XLROM=7
12.00
160
On rising edges 5ms apart at 2.5V relative to an ideal clock,
CL=15pF, fREF=31.5kHz, NR=1, NF=799, NPx=4, CLF=0.015μF,
RLF=15.7kΩ, CLP=470pF, OSCTYPE=0, MLCP=3, XLROM=7
25.175
100
On rising edges 500
μs apart at 2.5V relative to an ideal clock,
CL=15pF, CMOS mode, fXIN=27MHz, NF=200, NR=27, NPx=2
100
30
Jitter, Long Term (
σ
y(τ)) *
tj(LT)
On rising edges 500
μs apart at 2.5V relative to an ideal clock,
CL=15pF, PECL mode, fXIN=27MHz, NF=200, NR=27, NPx=1
200
30
ps
From rising edge to next rising edge at 2.5V, CL=15pF,
fREF=8kHz, NR=1, NF=193, NPx=64, CLF=0.054μF, RLF=15.7kΩ,
CLP=1800pF, OSCTYPE=0, MLCP=3, XLROM=7
1.544
140
From rising edge to next rising edge at 2.5V, CL=15pF,
fREF=15kHz, NR=1, NF=800, NPx=10, CLF=0.0246μF, RLF=15.7kΩ,
CLP=820pF, OSCTYPE=0, MLCP=3, XLROM=7
12.00
130
From rising edge to next rising edge at 2.5V, CL=15pF,
fREF=31.5kHz, NR=1, NF=799, NPx=4, CLF=0.015μF, RLF=15.7kΩ,
CLP=470pF, OSCTYPE=0, MLCP=3, XLROM=7
25.175
105
From rising edge to next rising edge at 2.5V, CL=15pF,
CMOS mode, fXIN=27MHz, NF=200, NR=27, NPx=2
100
340
Jitter, Period (peak-peak) *
tj(ΔP)
From rising edge to next rising edge at 2.5V, CL=15pF,
PECL mode, fXIN=27MHz, NF=200, NR=27, NPx=1
200
270
ps
Unless otherwise stated, VDD = 5.0V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent
nominal characterization data at TA = 27°C and are not production tested to any specific limits. MIN and MAX characterization data are ± 3σ from typical.
Table 16: Serial Interface Timing Specifications
Parameter
Symbol
Conditions/Description
Min.
Max.
Units
Clock frequency
fSCL
SCL
0
400
kHz
Bus free time between STOP and START
tBUF
4.7
μs
Set up time, START (repeated)
tsu:STA
4.7
μs
Hold time, START
thd:STA
4.0
μs
Set up time, data input
tsu:DAT
SDA
250
ns
Hold time, data input
thd:DAT
SDA
0
μs
Output data valid from clock
tAA
Minimum delay to bridge undefined region of the falling
edge of SCL to avoid unintended START or STOP
3.5
μs
Rise time, data and clock
tR
SDA, SCL
1000
ns
Fall time, data and clock
tF
SDA, SCL
300
ns
High time, clock
tHI
SCL
4.0
μs
Low time, clock
tLO
SCL
4.7
μs
Set up time, STOP
tsu:STO
4.0
μs
Unless otherwise stated, VDD = 5.0V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent
nominal characterization data and are not production tested to any specific limits. MIN and MAX characterization data are
± 3σ from typical.
Rev. 4 | Page 25 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com