Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 38 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 38 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 34Page - ON Semiconductor FS6131 Datasheet HTML 35Page - ON Semiconductor FS6131 Datasheet HTML 36Page - ON Semiconductor FS6131 Datasheet HTML 37Page - ON Semiconductor FS6131 Datasheet HTML 38Page - ON Semiconductor FS6131 Datasheet HTML 39Page - ON Semiconductor FS6131 Datasheet HTML 40Page - ON Semiconductor FS6131 Datasheet HTML 41Page - ON Semiconductor FS6131 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
FS6131
13.0 Device Application: Line-Locked Clock Generation
Line-locked clock generation, as used here, refers to the process of synthesizing a clock frequency that is some integer multiple of the
horizontal line frequency in a graphics system. The FS6131 is easily configured to perform that function, as shown in Figure 25.
A line reference signal (fHSYNC) is applied to the REF input for direct application to the main loop PFD. The feedback divider (NF) is
programmed for the desired number of output clocks per line.
The source for the feedback divider is selected to be the output of the post divider (NPx) so that the edges of the output clock maintain a
consistent phase alignment with the line reference signal. The modulus of the post divider should be selected to maintain a VCO
frequency that is comfortably within the operating range noted in Table 15.
13.1 Example Calculation
A Visual BASIC program is available to completely program the FS6131 based on the given parameters.
Suppose that we wish to reconstruct the pixel clock from a VGA source. This is a typical requirement of an LCD projection panel
application.
First, establish the total number of pixel clocks desired between horizontal sync (HSYNC) pulses. The number of pixel clocks is known
as the horizontal total, and the feedback divider is programmed to that value. In this example, choose the horizontal total to be 800.
Next, establish the frequency of the HSYNC pulses (fHSYNC) on the line reference signal for the video mode. In this case, let
fHSYNC=31.5kHz. The output clock frequency fCLK is calculated to be:
MHz
175
.
25
800
kHz
5
.
31
=
×
=
×
=
F
HSYNC
CLK
N
f
f
Reference
HSYNC
FS6131
VCXO
Divider
(optional)
(optional)
CRYSTAL LOOP
MAIN LOOP
VCXO
XOUT
XIN
Control
ROM
XTUNE
Reference
Divider
(N
R)
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
REF
FBK
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
Feedback
Divider (N
F)
Internal
Loop
Filter
EXTLF
I2C
Interface
SCL
SDA
ADDR
Registers
POST3[1:0],
POST2[1:0],
POST1[1:0]
REFDIV[11:0]
FBKDIV[14:0]
EXTLF
PDREF
PDFBK
VCOSPD,
OSCTYPE
LFTC
MLCP[1:0]
XLCP[1:0]
XLROM[2:0]
XLPDEN,
XLSWAP
REFDSRC
XCT[3:0],
XLVTEN
(f
REF)
(f
VCO)
LOCK/
IPRG
Post
Divider
(N
Px)
Voltage
Controlled
Oscillator
Lock
Detect
CMOS
(optional)
STAT[1:0]
OM[1:0]
Clock
Gobbler
GBL
(optional)
FBKDSRC[1:0]
CMOS/PECL
Output
CLKN
(f
CLK)
CLKP
R
LF
C
LF
R
IPRG
C
LP
Figure 25: Block Diagram: Line-Locked Clock Generation
Rev. 4 | Page 38 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com