Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 40 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 36Page - ON Semiconductor FS6131 Datasheet HTML 37Page - ON Semiconductor FS6131 Datasheet HTML 38Page - ON Semiconductor FS6131 Datasheet HTML 39Page - ON Semiconductor FS6131 Datasheet HTML 40Page - ON Semiconductor FS6131 Datasheet HTML 41Page - ON Semiconductor FS6131 Datasheet HTML 42Page - ON Semiconductor FS6131 Datasheet HTML 43Page - ON Semiconductor FS6131 Datasheet HTML 44Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Rev. 4 | Page 40 of 44 | www.onsemi.com
FS6131
14.0 Device Application: Genlocking
Genlocking refers to the process of synchronizing the horizontal sync pulses (HSYNC) of a target graphics system to the HSYNC of a
source graphics system. In a genlocked mode, the FS6131 increases (or decreases) the frequency of the VCO until the FBK input is
frequency matched and phase-aligned to the frequency applied to the REF input. Since the feedback divider is within the graphics
system and the graphics system is the source of the signal applied to the FBK input of the FS6131, the graphics system is effectively
synchronized to the REF input as shown in Figure 26.
To configure the FS6131 for genlocking, the REF input (pin 12) and the FBK input (pin 13) are switched directly onto the feedback input
of the PFD. The reference and feedback dividers are not used.
The output clock frequency is:
total
horizontal
f
f
HSYNC
CLK
×
=
The only remaining task is to select a post divider modulus (NPx) that allows the VCO frequency to be within its nominal range.
14.1 Example Calculation
A Visual BASIC program is available to completely program the FS6131 based on the given parameters.
The FS6131 is being used to genlock an LCD projection panel system to a VGA card-generated HSYNC. The total number of pixel
clocks generated by the VGA card, known as the horizontal total, are 800. Therefore, the LCD panel graphics system that is clocked by
the FS6131 is set to divide the output clock frequency (fCLK) by 800. The input HSYNC reference frequency (fHSYNC) is 15kHz.
Video Graphics System
System HSYNC
Clock In
Reference
HSYNC
FS6131
VCXO
Divider
(optional)
(optional)
CRYSTAL LOOP
MAIN LOOP
VCXO
XOUT
XIN
Control
ROM
XTUNE
Reference
Divider
(N
R)
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
REF
FBK
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
Feedback
Divider (N
F)
Internal
Loop
Filter
R
LF
C
LF
EXTLF
I2C
Interface
SCL
SDA
ADDR
Registers
POST3[1:0],
POST2[1:0],
POST1[1:0]
REFDIV[11:0]
FBKDIV[14:0]
FBKDSRC[1:0]
EXTLF
PDREF
PDFBK
VCOSPD,
OSCTYPE
LFTC
MLCP[1:0]
XLCP[1:0]
XLROM[2:0]
XLPDEN,
XLSWAP
REFDSRC
XCT[3:0],
XLVTEN
(f
CLK)
(f
CLK)
(f
VCO)
R
IPRG
LOCK/
IPRG
Post
Divider
(N
Px)
Voltage
Controlled
Oscillator
Lock
Detect
CMOS
(optional)
STAT[1:0]
OM[1:0]
Clock
Gobbler
GBL
(optional)
CMOS/PECL
Output
CLKN
(f
CLK)
CLKP
C
LP
Figure 26: Block Diagram: Genlocking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com