Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 42 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 42 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 36Page - ON Semiconductor FS6131 Datasheet HTML 37Page - ON Semiconductor FS6131 Datasheet HTML 38Page - ON Semiconductor FS6131 Datasheet HTML 39Page - ON Semiconductor FS6131 Datasheet HTML 40Page - ON Semiconductor FS6131 Datasheet HTML 41Page - ON Semiconductor FS6131 Datasheet HTML 42Page - ON Semiconductor FS6131 Datasheet HTML 43Page - ON Semiconductor FS6131 Datasheet HTML 44Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
FS6131
15.0 Device Application: Telecom Clock Regenerator
The FS6131 can be used as a clock regenerator as shown in Figure 28. This mode uses the VCXO in its own phase-locked loop,
referred to as the crystal loop. The VCXO provides a "de-jittered" multiple of the reference frequency at the REF pin (usually 8kHz in
telecom applications) for use by the main loop. In essence, the crystal loop "cleans up" the reference signal for the main loop.
The control ROM for the VCXO divider is preloaded with the most common ratios to permit locking of most standard
telecommunications crystals to an 8kHz signal applied to the REF pin. The de-jittered multiple of the reference frequency from the
VCXO is then supplied to the reference divider in the main loop. The reference divider, along with the feedback divider, can be
programmed to achieve the desired output clock frequency.
15.1 Example Calculation
A Visual BASIC program is available to completely program the FS6131 based on the given parameters.
In this example, an 8kHz reference frequency is supplied to the FS6131 and an output clock frequency of 51.84MHz is desired.
First, select the frequency at which the VCXO will operate from Table 10. The table shows the external crystal frequency options
available to choose from, since the VCXO runs at the crystal frequency. While the main loop can be programmed to work with any of
the frequencies in the table, the best performance will be achieved with the highest frequency at the main loop PFD.
The frequency at the main loop PFD (fMLpfd) is the VCXO frequency (fVCXO) divided by the main loop reference divider (NR).
R
VCXO
MLpfd
N
f
f
=
8kHz IN
(typical)
FS6131
VCXO
Divider
(optional)
(optional)
CRYSTAL LOOP
MAIN LOOP
VCXO
XOUT
XIN
Control
ROM
XTUNE
Reference
Divider
(N
R)
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
REF
FBK
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
Feedback
Divider (N
F)
Internal
Loop
Filter
EXTLF
I2C
Interface
SCL
SDA
ADDR
Registers
POST3[1:0],
POST2[1:0],
POST1[1:0]
REFDIV[11:0]
FBKDIV[14:0]
EXTLF
PDREF
PDFBK
VCOSPD,
OSCTYPE
LFTC
MLCP[1:0]
XLCP[1:0]
XLROM[2:0]
XLPDEN,
XLSWAP
REFDSRC
XCT[3:0],
XLVTEN
(f
REF)
(f
VCO)
LOCK/
IPRG
Post
Divider
(N
Px)
Voltage
Controlled
Oscillator
Lock
Detect
CMOS
(optional)
STAT[1:0]
OM[1:0]
Clock
Gobbler
GBL
(optional)
CMOS/PECL
Output
CLKN
(f
CLK)
CLKP
FBKDSRC[1:0]
R
LF
C
LF
R
IPRG
C
LP
Figure 27: Block Diagram: Telecom Clock Generator
Rev. 4 | Page 42 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com