Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 22 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 18Page - ON Semiconductor FS6131 Datasheet HTML 19Page - ON Semiconductor FS6131 Datasheet HTML 20Page - ON Semiconductor FS6131 Datasheet HTML 21Page - ON Semiconductor FS6131 Datasheet HTML 22Page - ON Semiconductor FS6131 Datasheet HTML 23Page - ON Semiconductor FS6131 Datasheet HTML 24Page - ON Semiconductor FS6131 Datasheet HTML 25Page - ON Semiconductor FS6131 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
FS6131
Table 13: Operating Conditions
Parameter
Symbol
Conditions/Descriptions
Min.
Typ.
Max.
Units
Supply Voltage
VDD
5V ± 10%
4.5
5
5.5
V
Ambient Operating Temperature Range
TA
0
70
°C
Crystal Resonator Frequency
fXIN
19.44
27
28
MHz
Crystal Resonator Load Capacitance
CXL
Parallel resonant, AT cut
18
pF
Crystal Resonator Motional Capacitance
CXM
Parallel resonant, AT cut
25
fF
Serial Data Transfer Rate
Standard mode
10
100
400
kb/s
PECL Mode Programming Current
(LOCK/IPRG Pin High-Level Input Current)
IIH
PECL Mode
15
mA
Output Driver Load Capacitance
CL
15
pF
Table 14: DC Electrical Specifications
Parameter
Symbol
Conditions/Description
Min.
Typ.
Max.
Units
Overall
Supply Current, Dynamic,
(with Loaded Outputs)
IDD
fCLK = 66MHz ; CMOS Mode, VDD = 5.5V
100
mA
Supply Current, Static
IDDL
SHUT = 1, XLROM[2:0] = 7, XLPDEN = 1
VDD = 5.5V
12
mA
Serial Communication I/O (SDA, SCL)
High-Level Input Voltage
VIH
Outputs off
3.5
VDD+0.3
V
Low-Level Input Voltage
VIL
Outputs off
VSS-0.3
1.5
V
Hysteresis Voltage *
Vhys
Outputs off
2
V
Input Leakage Current
II
-1
1
μA
Low-Level Output Sink Current (SDA)
IOL
VOL = 0.4V
20
32
mA
Tristate Output Current
IZ
-10
10
μA
Address Select Input (ADDR)
High-Level Input Voltage
VIH
2.4
VDD+0.3
V
Low-Level Input Voltage
VIL
VSS-0.3
0.8
V
High-Level Input Current (pull-down)
IIH
VIH = VDD = 5.5V
5
16
30
μA
Low-Level Input Current
IIL
-2
2
μA
Reference Frequency Input (REF, FBK)
High-Level Input Voltage
VIH
3.5
VDD+0.3
V
Low-Level Input Voltage
VIL
VSS-0.3
1.5
V
Hysteresis Voltage
Vhys
500
mV
Input Leakage Current
II
-1
1
μA
Rev. 4 | Page 22 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com