Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 5Page - ON Semiconductor FS6131 Datasheet HTML 6Page - ON Semiconductor FS6131 Datasheet HTML 7Page - ON Semiconductor FS6131 Datasheet HTML 8Page - ON Semiconductor FS6131 Datasheet HTML 9Page - ON Semiconductor FS6131 Datasheet HTML 10Page - ON Semiconductor FS6131 Datasheet HTML 11Page - ON Semiconductor FS6131 Datasheet HTML 12Page - ON Semiconductor FS6131 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
FS6131
-150°
Frequency (f
i)
-100°
0.1kHz
1kHz
10kHz
100kHz
Figure 9: Loop Nyquist Plot
A Nyquist plot of gain vs. amplitude is shown below.
45°
0°
315°
270°
225°
180°
135°
90°
0.2
0.4
0.6
0.8
1.0
Phase
Amplitude
1.2
Gain Margin
Phase
Margin
Figure 10: Loop Nyquist Plot
4.4 Voltage-Controlled Crystal Oscillator
The VCXO provides a tunable, low-jitter frequency reference for the rest of the FS6131 system components. Loading capacitance for
the crystal is internal to the device. No external components (other than the resonator itself) are required for operation of the VCXO.
The resonator loading capacitance is adjustable under register control. This feature permits factory coarse tuning of inexpensive
resonators to the necessary precision for digital video applications. Continuous fine-tuning of the VCXO frequency is accomplished by
Rev. 4 | Page 9 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com