Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 3Page - Sanyo Semicon Device LC07424LP Datasheet HTML 4Page - Sanyo Semicon Device LC07424LP Datasheet HTML 5Page - Sanyo Semicon Device LC07424LP Datasheet HTML 6Page - Sanyo Semicon Device LC07424LP Datasheet HTML 7Page - Sanyo Semicon Device LC07424LP Datasheet HTML 8Page - Sanyo Semicon Device LC07424LP Datasheet HTML 9Page - Sanyo Semicon Device LC07424LP Datasheet HTML 10Page - Sanyo Semicon Device LC07424LP Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LC07424LP
No.A1619-7/32
Oparating condistion
Absolute Maximum Ratings at Ta=25±2
°C, VSSvh=VSSh=VSSana=VSSsp=VSSv=VSSdig= 0V
Parameter
Symbol
min
max
unit
Supply voltage (4.8V sistem) (*1) (*2)
VDD48
-0.3
+7.0
V
Supply voltage (2.8V sistem) (*1) (*3)
VDD28
-0.3
+4.0
V
Supply voltage (1.8V sistem) (*1) (*4)
VDD18
-0.3
+4.0
V
Analog input voltage (*5)
VINana
-0.3
VDD28 + 0.3
V
Digital input voltage (*6)
VINdig
-0.3
VDD18 + 0.3
V
Allowable power dissipation (*7)
Pd
400
mW
Operating ambient temperature
Topr
-10
+80
°C
Storage ambient temperature
Tstg
-55
+125
°C
(*1) The supply voltage including rise/fall must maintain the following relationship:
VDD48 ≥ VDD28 ≥ VDD18
(*2) 4.8V system power pin: VDDh, VDDvh
(*3) 2.8V system power pin: VDDana, VDDsp, VDDv
(*4) 1.8V system power pin: VDDio, VDDdig, VDDio ≥ VDDdig
(*5) Applicable pins: YIN, CIN, LIN_L LIN_R
(*6) Applicable pins: MCLK, TESTin, RESET_X, CS_X, SCLK, SDin, BCLK, LRCLK (for the input mode), G_PORT2 / 1 / 0 (for the input mode; the output
mode only in case of normal operation)
(*7) Ta ≤ 80
°C, our standard substrate (size: 40 mm x 50 mm x 0.8 mm. In case of mounting of four-layer glass epoxy (2S2P) )
Recommended Operating Range at VSSvh=VSSh=VSSana=VSSsp=VSSv=VSSdig=0V
Parameter
Symbol
Conditions
min
typ
max
unit
VDDio
VDDio pin (*1)
1.71
1.80
3.6
V
VDDdig
VDDdig pin (*1)
1.71
1.80
VDDio
V
VDDana
VDDana, VDDv, VDDsp pin (*1)
2.6
2.8
3.6
V
Supply voltage
VDDh
VDDh, VDDvh pin (*1)
4.5
4.8
5.5
V
Inpupt high level voltage
VIH
(*2)
(0.8)VDDio
VDDio
V
Input low level voltage
VIL
(*2)
VSS
(0.2)VDDio
V
Input clock frequency
fMCLK
(*3)
8.192
12.288
MHz
fs=32kHz (*3)
30
50
70
%
Input clock duty
DutyMCLK
fs=48kHz, 44.1kHz (*3)
45
50
55
%
Analog line input dynamic range
L_IN
LIN_L, LIN_R pin (*4)
(0.9)VDDana
Vp-p
(*1) VDDh=VDDvh, VDDana=VDDsp=VDDv ≥ VDDio ≥ VDDdig
(*2) Applicable pins: MCLK, TESTin, RESET_X, CS_X, SCLK, SDin, BCLK (for the input mode LRCLK (for the input mode), G_PORT2 / 1 / 0 (for the input
mode; the output mode only in case of normal operation)
(*3) MCLK pin 8.192MHz => 32kHz x 256 12.288MHz => 48kHz x 256
(*4) Specifications of the input selector circuit. The PGA output is not to exceed the full scale of ADC input.
Electrical Characteristics at Ta=25±2
°C, VDDh=VDDvh= 4.5 to 5.5V, VDDana=VDDsp=VDDv=2.6 to 3.6V
VDDio=VDDdig=1.71 to 3.6V, VSSvh=VSSh=VSSana=VSSsp=VSSv=VSSdig=0V
Parameter
Symbol
Conditions
min
typ
max
unit
Input high level current
IIH
VI=VDDio (*1)
+1
μA
Inputp low level current
IIL
VI=VSS (*1)
-1
μA
Output high level voltage
VOH1
IOH=-1mA (*2)
(0.8)VDDio
V
Output low level voltage
VOL1
IOL= 1mA (*2)
(0.2)VDDio
V
Input leak current
ILK
VI=VDDio or VSS (*3)
-10
+10
μA
(*1) Applicable pins: MCLK, TESTin, RESET_X, CS_X, SCLK, SDin,
(*2) Applicable pins: ADC_DOUT
BCLK, LRCLK (Output mode)
G_PORT2 / 1 / 0 (For the output mode. Output mode only in case of normal operation.)
(*3) Applicable pins: BCLK, LRCLK (Output mode)
G_PORT2 / 1 / 0 (For the input mode. Output mode only in case of normal operation.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com