Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 6Page - Sanyo Semicon Device LC07424LP Datasheet HTML 7Page - Sanyo Semicon Device LC07424LP Datasheet HTML 8Page - Sanyo Semicon Device LC07424LP Datasheet HTML 9Page - Sanyo Semicon Device LC07424LP Datasheet HTML 10Page - Sanyo Semicon Device LC07424LP Datasheet HTML 11Page - Sanyo Semicon Device LC07424LP Datasheet HTML 12Page - Sanyo Semicon Device LC07424LP Datasheet HTML 13Page - Sanyo Semicon Device LC07424LP Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LC07424LP
No.A1619-10/32
Digital filter characteristics at Ta=25±2°C, VDDh=VDDvh=4.5 to 5.5V, VDDana=VDDsp=VDDv=2.6 to 3.6V
VDDio=VDDdig=1.71 to 3.6V, VSSvh=VSSh=VSSana=VSSsp=VSSv=VSSdig=0V
Parameter
Symbol
Conditions
min
typ
max
unit
ADC block LPF fs=44.1kHz
Passband
ADC_PB
Gain=0.05dB
20
kHz
Passband ripple
ADC_PR
0.05
dB
Stopband
ADC_SB
24.1
kHz
Stopband attenuation
ADC_SA
Input signal =24.1kHz
-61
dB
ADC block HPF fs=44.1kHz
Cutoff frequency
ADC_FC
0.882
Hz
DAC block LPF fs=44.1kHz
Passband
DAC_PB
20
kHz
Passband ripple
DAC_PR
±0.015
dB
Stopband
ADC_SB
24.1
kHz
Stopband attenuation
ADC_SA
Input signal =24.1kHz
-58
dB
DAC block HPF fs=44.1kHz
Cutoff frequency
ADC_FC
0.86
Hz
Switching Characteristics
Parameter
Symbol
Conditions
min
typ
max
unit
Microcontroller serial interface timing
SCLK Cycle time
tCYC
4T
8T
ns
SCLK high period
tSH
2T
4T
ns
SCLK low period
tSL
2T
4T
ns
Data setup time
tSU
2T
4T
ns
Data hold time
tHD
2T
4T
ns
CSX rise to SCLK wait time
tWSCLK
0T
2T
ns
SCLK to CSX rise wait time
tWCSX
4T
6T
ns
Rise time
tSR
50
ns
Fall time
tSF
50
ns
Audio data timing
Clock phase (Note 2)
tPH
75
ns
Clock phase (Note 3)
tPH
1 / (128fs)
ns
Deta delay time
tDD
0
75
ns
Data setup time
tSUA
1T
ns
Data hold time
tHDA
1T
ns
Note 1: T = 1 / fMCLK, fMCLK: Frequency of MCLKIN pin; example: when fMCLK = 10MHz, T = 100ns, 2T = 200ns
Note 2: LRCK and BCLK are inputs in Slave mode.
The MCLK timing needs only to be synchronized only with LRCK and BCLK and its phase is irrelevant.
Note 3: In master mode, LRCK and BCLK are output in master mode and fs is the sampling frequency.
Note 4: The load of output pin: 30pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com