Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 24 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 24 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 20Page - Sanyo Semicon Device LC07424LP Datasheet HTML 21Page - Sanyo Semicon Device LC07424LP Datasheet HTML 22Page - Sanyo Semicon Device LC07424LP Datasheet HTML 23Page - Sanyo Semicon Device LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device LC07424LP Datasheet HTML 25Page - Sanyo Semicon Device LC07424LP Datasheet HTML 26Page - Sanyo Semicon Device LC07424LP Datasheet HTML 27Page - Sanyo Semicon Device LC07424LP Datasheet HTML 28Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LC07424LP
Audio data format, Other
ADF_BCLK
: Audio Data Format BCLK
ADF_MODE
: Audio Data Format MODE
ADF_DAC_INV : Audio Data Format DAC data INVert
ADF_ADC_INV : Audio Data Format ADC data INVert
DE_EN: De-Emphasis filter ENable
ADF_FS
: Audio Data Format Frequency Sampling
ADF_LB
: Audio Data Format Loop Back
ADF_MASTER : Audio Data Format MASTER mode
ADRS
Bit
Name
INIT
Description
09h
[4]
ADF_BCLK
0b
Bit clock frequency setting of audio data format
See Table 8.3.
[1:0]
ADF_MODE[1:0]
00b
Audio data format setting
See Table 8.3.
No.A1619-24/32
[7]
ADF_DAC_INV
0b
DAC input data inverted setting
1: Inverted 0: Non-inversion
0Ah
[6]
ADF_DAC_INV
0b
ADC output data inverted setting
1: Inverted 0: Non-inversion
[4]
DE_EN
0b
De-Emphasis Filter setting
1: De-Emphasis Filter Effective
0: De-Emphasis Filter Not effective
[3:2]
ADF_FS[1:0]
00b
Sampling Frequency Setting
11: Set prohibition
10: 44.1kHz
01: 32kHz
00: 48kHz
[1]
ADF_LB
0b
Loop back mode select. See Fig. 8.1.
1: ON (ADC output data becomes the DAC input data.)
0: OFF (Normal operation. DAC_DIN pin input becomes the
DAC input data.)
[0]
ADF_MASTER
0b
Master / Slave mode setting (IO control of BCLK and LRCLK pins )
1: Master mode (BCLK and LRCLK pins for output)
0: Slave mode (BCLK and LRCLK pins for input)
"7. Audio data format."
Loop back function
Table 8.3 ADF setting
This function connects internally ADC_DOUT and DAC_DIN signals.
[ADF_MODE]
[ADF_BCLK]
This will enable the ADC input signal to go through to the DAC output.
11
-
Set prohibition
In this case, the ADC_DOUT pin output signal is effective,
10
1
Backward
justification 32fs
but the DAC_DIN pin input becomes ineffective.
01
1
Forward
justification 32fs
[ADF_LB]
Selector, Mixer circuit
SEL_L
: SELctor Lch
SEL_R
: SELctor Rch
MIX_MONO
: MIXer MONO
ADRS
Bit
Name
Init
Description
0Bh
[7:6]
SEL_L
10b
Selector circuit. Lch signal selection
10: DAC output selection 01: ALC / PGA output selection 11, 00: Set prohibition
[5:4]
SEL_R
10b
Selector circuit. Rch signal selection
10: DAC output selection 01: ALC / PGA output selection 11, 00: Set prohibition
[1:0]
MIX_MONO
11b
MIX circuit, Setting
11: Lch+Rch setting 10: Rch setting 01: Lch setting 00: Set prohibition
00
1
I2S 32fs
ADC
I2S IF
ADC_DOUT pin
10
0
Backward
justification 64fs
01
0
Forward
justification 64fs
00
0
I2S 64fs
DAC_DIN pin
ON
OFF
DAC
Fig.8.1. Loop back circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com