Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 31 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 31 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device LC07424LP Datasheet HTML 25Page - Sanyo Semicon Device LC07424LP Datasheet HTML 26Page - Sanyo Semicon Device LC07424LP Datasheet HTML 27Page - Sanyo Semicon Device LC07424LP Datasheet HTML 28Page - Sanyo Semicon Device LC07424LP Datasheet HTML 29Page - Sanyo Semicon Device LC07424LP Datasheet HTML 30Page - Sanyo Semicon Device LC07424LP Datasheet HTML 31Page - Sanyo Semicon Device LC07424LP Datasheet HTML 32Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
LC07424LP
Checkpoints
!! The user is responsible for ascertaining whether this IC can be adopted for the mass production sets, including the various
conditions for mounting in the set.
Power supply
• Powr pins are 4.8V, 2.8V, and 1.8V systems.
4.8V system: Analog power supplies (VDDh, VDDvh)
2.8V system: Analog power supplies (VDDana, VDDsp, VDDv)
1.8V system: Digital powr supply (VDDdig), digital IO power supply (VDDio)
Connect the decoupling capacitor near the power pin. Refer to our reference substrate data.
• Power ON
Simultaneous rise and fall while maintaining the voltage sequence.
Alternatively, raise starting from the higher voltage (4.8 V system) side and fall starting from the low voltage (1.8 V system) side.
The voltage sequence is 4.8V system ≥ 2.8V system ≥ 1.8V system.
Register control
• Set data for all registers including those for the test. Refer to our recommended register data file.
• Registers designated as "registers for LSI test" are fixed at the initial value (INIT).
Resetting
• When power has been applied, be sure to reset.
(A) or (B) is executed as shown in the figure below.
(A) is reset at the same time as the power is first applied.
(B) is reset immediately after the power is first applied.
The circuit state is uncertain if the reset is not made. It is recommended to set "th" as short as possible.
The RESET_X pin input circuit is subject to clock synchronizing processing.
Accordingly, the MCLK pin clock input is always necessary even during periods (A) and (B).
tD
0.2VDDio
Clock ON
RESET_X
MCLK
tH
tD
0.2VDDio
Clock ON
RESET_X
MCLK
(A)
(B)
95% power startup level
Normal operation
Power pin
tD › 10μs (note that the MCLK input clock frequency is 8MHz or more
No.A1619-31/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com