Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 22 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 22 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 18Page - Sanyo Semicon Device LC07424LP Datasheet HTML 19Page - Sanyo Semicon Device LC07424LP Datasheet HTML 20Page - Sanyo Semicon Device LC07424LP Datasheet HTML 21Page - Sanyo Semicon Device LC07424LP Datasheet HTML 22Page - Sanyo Semicon Device LC07424LP Datasheet HTML 23Page - Sanyo Semicon Device LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device LC07424LP Datasheet HTML 25Page - Sanyo Semicon Device LC07424LP Datasheet HTML 26Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LC07424LP
No.A1619-22/32
ADRS
Bit
Name
INIT
Description
[7]
ALC_ZCD
1b
ALC circuit, Gain change in the zero cross timing
1: Gain changed in the zero cross timing
0: Gain changed without waiting for zero cross timing
[6:5]
ALC_ZCDTM[1:0]
00b
ALC circuit, Time setting for timeout at zero cross detection
Effective when [ALC_ZCD]=1
11: 8192 (1 / fs) 10: 4096 (1 / fs) 01: 2048 (1 / fs) 00: 1024 (1 / fs)
[4]
ALC_FULLEN
0b
ALC circuit, Full scale detection operation setting
Rapid level down at detection of full scale
1: ON 0: OFF
[3:2]
ALC_ATLIM[1:0]
01b
ALC circuit, Limit setting for the attack operation frequency between zero crosses effective
when [ALC_ZCD]=1. For the actual reduction for the frequency, See Table 1.
11: 16 回 10: 8 回 01: 4 回 00: 2 回
04h
[1:0]
ALC_RWT[1:0]
10b
ALC circuit, Standby time setting during recovery operation.
11: 2048 (1 / fs) 10: 1024 (1 / fs) 01: 512 (1 / fs) 00: 256 (1 / fs)
[7]
ALC_OFF
0b
ALC circuit, Operation stop
1: Operation stop (manual mode) [ALC_DVL] and [ALC_DVR] become effective.
0: Normal operation
05h
[6:0]
ALC_VMAX[6:0]
1Ch
ALC circuit, PGA maximum gain value setting during ALC operation
See Table 8.2.
[7]
ALC_MUTE_L
0b
ALC circuit, PGA MUTE setting (Lch)
1: ON
0: OFF
06h
[6:0]
ALC_DVL[6:0]
1Ch
ALC circuit, Lch PGA gain value setting in the manual mode
See Table 8.2.
[7]
ALC_MUTE_R
0b
ALC circuit, PGA MUTE setting (Rch)
1: ON
0: OFF
07h
[6:0]
ALC_DVR[6:0]
1Ch
ALC circuit, Rch PGA gain value setting in the manual mode
See Table 8.2.
Refer to "Description of ALC operation."
Table 8.1. "Reduction value for the set frequency"
[ALC_FA]
[ALC_ATLIM]
No, of times
11b
10b
01b
00b
11b
16
2 dB
4 dB
8 dB
16 dB
10b
8
1 dB
2 dB
4 dB
8 dB
01b
4
0.5 dB
1 dB
2 dB
4 dB
00b
2
0.25 dB
0.5 dB
1 dB
2 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com