Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 23 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 23 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 19Page - Sanyo Semicon Device LC07424LP Datasheet HTML 20Page - Sanyo Semicon Device LC07424LP Datasheet HTML 21Page - Sanyo Semicon Device LC07424LP Datasheet HTML 22Page - Sanyo Semicon Device LC07424LP Datasheet HTML 23Page - Sanyo Semicon Device LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device LC07424LP Datasheet HTML 25Page - Sanyo Semicon Device LC07424LP Datasheet HTML 26Page - Sanyo Semicon Device LC07424LP Datasheet HTML 27Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LC07424LP
No.A1619-23/32
Table 8.2 ALC circuit gain setting table (TYP value) ALC_VMAX[6: 0] / ALC_DVL[6: 0] / ALC_DVL [6: 0]
[6: 0]
gain (dB)
[6: 0]
gain (dB)
[6: 0]
gain (dB)
[6: 0]
gain (dB)
7Fh
Set prohibition
5Fh
33.5
3Fh
17.5
1Fh
1.5
7Eh
5Eh
33.0
3Eh
17.0
1Eh
1.0
7Dh
5Dh
32.5
3Dh
16.5
1Dh
0.5
7Ch
5Ch
32.0
3Ch
16.0
1Ch
0.0
7Bh
5Bh
31.5
3Bh
15.5
1Bh
-0.5
7Ah
5Ah
31.0
3Ah
15.0
1Ah
-1.0
79h
59h
30.5
39h
14.5
19h
-1.5
78h
58h
30.0
38h
14.0
18h
-2.0
77h
57h
29.5
37h
13.5
17h
-2.5
76h
56h
29.0
36h
13.0
16h
-3.0
75h
55h
28.5
35h
12.5
15h
-3.5
74h
54h
28.0
34h
12.0
14h
-4.0
73h
53h
27.5
33h
11.5
13h
-4.5
72h
52h
27.0
32h
11.0
12h
-5.0
71h
51h
26.5
31h
10.5
11h
-5.5
70h
50h
26.0
30h
10.0
10h
-6.0
6Fh
4Fh
25.5
2Fh
9.5
0Fh
-6.5
6Eh
4Eh
25.0
2Eh
9.0
0Eh
-7.0
6Dh
4Dh
24.5
2Dh
8.5
0Dh
-7.5
6Ch
4Ch
24.0
2Ch
8.0
0Ch
-8.0
6Bh
4Bh
23.5
2Bh
7.5
0Bh
-8.5
6Ah
4Ah
23.0
2Ah
7.0
0Ah
-9.0
69h
49h
22.5
29h
6.5
09h
-9.5
68h
48h
22.0
28h
6.0
08h
-10.0
67h
47h
21.5
27h
5.5
07h
-10.5
66h
46h
21.0
26h
5.0
06h
-11.0
65h
45h
20.5
25h
4.5
05h
-11.5
64h
44h
20.0
24h
4.0
04h
-12.0
63h
43h
19.5
23h
3.5
03h
-12.5
62h
42h
19.0
22h
3.0
02h
-13.0
61h
41h
18.5
21h
2.5
01h
-13.5
60h
34
40h
18.0
20h
2.0
00h
-14.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com