Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 4Page - Sanyo Semicon Device LC07424LP Datasheet HTML 5Page - Sanyo Semicon Device LC07424LP Datasheet HTML 6Page - Sanyo Semicon Device LC07424LP Datasheet HTML 7Page - Sanyo Semicon Device LC07424LP Datasheet HTML 8Page - Sanyo Semicon Device LC07424LP Datasheet HTML 9Page - Sanyo Semicon Device LC07424LP Datasheet HTML 10Page - Sanyo Semicon Device LC07424LP Datasheet HTML 11Page - Sanyo Semicon Device LC07424LP Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LC07424LP
No.A1619-8/32
Analog Characteristics at Ta=25±2°C, VDDh=VDDvh=4.8V, VDDana=VDDsp=VDDv=2.8V, VDDio=VDDdig=1.8V,
VSSvh=VSSh=VSSana=VSSsp=VSSv=VSSdig=0V, 0dBFS=-3.9dBV=1.8V
Unless otherwise specified, fs=48kHz, signal frequency =1kHz (sin wave), measurement range=20Hz to 20kHzDAC_DIN pin input=0dBFS
PGA gain setting=0dB, EVR gain setting=0dB
Analog Input / output
Parameter
Symbol
Conditions
min
typ
max
unit
Input voltage
LI_VIN
(*1)
1.68
V
Input impedance
LI_RIN
(*1) (*2)
17
20
23
kΩ
Total harmonic distortion ratio
and noise
AA_THD+N
LIN_L pin input: -1dBFS
Measured at LOUT_L pin
-80
-72
dB
ADC analog Input
Resolution
ADC_RES
16
Bits
SNR
ADC_SNR
A-Weighted
80
86
dB
Total harmonic distortion ratio
and noise
ADC_THD+N
LIN_L pin input: -1dBFS
Measured at ADC_DOUT pin
-80
-72
dB
Dynamic range
ADC_DR
LIN_L pin input: -60dBFS
Measured at ADC_DOUT pin、
A-Weighted
80
86
dB
Inter-channel isolation
ADC_ISO
80
100
dB
Inter-channel gain mismatch
ADC_LRG
-0.5
0.5
dB
PGA step width
PGA_GSTEP
LIN_L pin input,
Measured at ADC_DOUT pin
0.1
0.5
0.9
dB
PGA variable range
PGA_GVB
LIN_L pin input,
Measured at ADC_DOUT pin
-14
34
dB
DAC analog output
Resolution
DAC_RES
16
Bits
SNR
DAC_SNR
A-Weighted
80
88
dB
Total harmonic distortion ratio
and noise
DAC_THD+N
DAC_DIN pin input: 0dBFS
Measured at LOUT_L pin
-80
-72
dB
Dynamic range
DAC_DR
DAC_DIN pin input: -60dBFS
Measured at LOUT_L pin, A-Weighted
75
88
dB
Inter-channel isolation
DAC_ISO
80
100
dB
Inter-channel gain mismatch
DAC_LRG
-0.5
0.5
dB
Output voltage
LO_V
DAC_DIN pin input: 0dBFS
LINE_AMP gain setting =6.5dB
Measured at LOUT_L, LOUT_R pin
1.4
2.0
2.6
dBV
Output load resistance
LO_RL
LOUT_L, LOUT_R pin
10
kΩ
Output load capacity
LO_CL
LOUT_L, LOUT_R pin
30
pF
Speaker Amp EVR
Gain value
EVR_G
DAC_DIN pin input:
-6.5dBFS
Measured at SPp and
SPn pins
[EVR_GAIN]=3Fh
[EVR_GAIN]=2Fh
[EVR_GAIN]=20h
[EVR_GAIN]=10h
[EVR_GAIN]=00h
0.0
-2.2
-7.6
-22.8
-65.2
dB
Speaker Amp
Total harmonic distortion ratio
and noise
SP_THD+N
DAC_DIN pin input: 0dBFS, EVR=-2.5dB (*3)(*4)
1.0
2.0
%
Output level
SP_V
DAC_DIN pin input: 0dBFS, EVR=-2.5dB (*4)
2.1
3.0
3.9
dBV
SNR
SP_SNR
DAC_DIN pin input: 0dBFS, EVR=-2.5dB (*4)
78
86
dB
Output load resistance
SP_RL
SPp, SPn pin
8
Ω
Output load capacity
SP_CL
SPp, SPn pin
30
pF
(*1) Applicable pins: Line input pin LIN_L, LIN_R
Analog input full-scale value of ADC (LI_VIN = 2.8V x 0.6)
(*2) The TYP resistance value varies from 10kΩ to 20kΩ depending on the gain setting of PGA.
(*3) Output 250mW (8Ω)
(*4) BTL converted value when the same signal has been set for Lch/Rch in the DAC input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com