Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 12Page - Sanyo Semicon Device LC07424LP Datasheet HTML 13Page - Sanyo Semicon Device LC07424LP Datasheet HTML 14Page - Sanyo Semicon Device LC07424LP Datasheet HTML 15Page - Sanyo Semicon Device LC07424LP Datasheet HTML 16Page - Sanyo Semicon Device LC07424LP Datasheet HTML 17Page - Sanyo Semicon Device LC07424LP Datasheet HTML 18Page - Sanyo Semicon Device LC07424LP Datasheet HTML 19Page - Sanyo Semicon Device LC07424LP Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LC07424LP
No.A1619-16/32
Register Description (Note) This section deals with the outline. Be sure to confirm the description here by referring to
the page dealing with the detailed explanation.
ADRS
Bit
Name
INIT
Description
[7]
00b
Setting the common reference voltage circuit
[6]
VREF_BIAS
11: Normal operation 10: Rapid charging 01: pull-down 00: Power down
[5]
SYNC_CLR
0b
Digital block synchronous reset control
1: Reset
0: Norma l: operation
[4]
SEL_PDX
0b
Selector block power DOWN
1: Normal operation
0: Power down
[3]
ALC_PDX
0b
ALC block power down
1: Normal operation
0: Power down
[2]
ADC_A_PDX
0b
ADC Analog block power down
1: Normal operation
0: Power down
[1]
DAC_A_PDX
0b
DAC Analog block power down
1: Normal operation
0: Power down
00h
[0]
VIDEO_PDX
0b
VIDEO power down
1: Normal operation
0: Power down
[7]
SP_OUTEN
0b
Speaker out enable
0: Speaker output stop
1: Normal operation
[6]
SP_PDX
0b
Speaker power down
1: Normal operation
0: Power down
[5]
MIX_PDX
0b
MIX Power down
1: Normal operation
0: Power down
[4]
0
0b
0: Fixed
[3]
LO_PDX
0b
Line out power down
1: Normal operation
0: Power down
[2]
ADC_D_PDX
0b
ADC logic block power down
1: Normal operation
0: Power down
[1]
DAC_D_PDX
0b
DAC logic block power down
1: Normal operation
0: Power down
01h
[0]
SP_EVR_PDX
0b
Speaker EVR power down 1: Normal operation 0: Fixed at [SP_GAIN]=00h
[7]
0
0b
0: Fixed
[6]
0
0b
0: Fixed
[5]
0
0b
0: Fixed
[4]
ADC_LIN_L
1b
Lch line Input selection 0: Non-selection 1: Selection
[3]
0
0b
0: Fixed
[2]
0
0b
0: Fixed
[1]
0
0b
0: Fixed
02h
[0]
ADC_LIN_R
1b
Rch line Input selection 0: Non-selection 1: Selection
[7]
[6]
[5]
ALC_VAL
001b
ALC circuit, ALC value (limiter level) setting
111:-10dBFS 110: -9dBFS 101: -8dBFS 100: -7dBFS
011: -6dBFS 010: -5dBFS 001: -4dBFS 000: -3dBFS
[4]
[3]
ALC_FA
11b
ALC circuit, Attack factor setting
11: (1 / 8)dB 10: (1 / 4)dB 01: (1 / 2)dB 00: (1 / 1)dB
[2]
[1]
03h
[0]
ALC_FR
101b
ALC circuit, Recovery factor setting
111: (1 / 2^14)dB 110: (1 / 2^13)dB 101: (1 / 2^12)dB 100: (1 / 2^11)dB
011: (1 / 2^10)dB 010: (1 / 2^9)dB 001: (1 / 2^8)dB 000: (1 / 2^7)dB
[7]
ALC_ZCD
1b
ALC circuit, Gain change in the zero cross timing 1: ON 0: OFF
[6]
[5]
ALC_ZCDTM
00b
ALC circuit, Timeout time setting at detection of zero cross
11: 8192 (1 / fs) 10: 4096 (1 / fs) 01: 2048 (1 / fs) 00: 1024 (1 / fs)
[4]
ALC_FULLEN
0b
ALC circuit, Full-scale detection operation setting
1: ON 0: OFF
[3]
[2]
ALC_ATLIM
01b
ALC circuit, Limit setting for attach operation frequency between zero crosses
11: 16 回 10: 8 回 01: 4 回 00: 2 回
[1]
04h
[0]
ALC_RWT
10b
ALC circuit, standby time setting during recovery operation
11: 2048 (1 / fs) 10: 1024 (1 / fs) 01: 512 (1 / fs) 00: 256 (1 / fs)
[7]
ALC_OFF
0b
ALC circuit
1: ALC function OFF (Manual mode) 0: ALC function ON
[6]
[5]
[4]
[3]
[2]
[1]
05h
[0]
ALC_VMAX
1Ch
ALC circuit, Maximum gain value setting of PGA when the ALC function is ON
7Fh to 61h: Set prohibition
60h: +34dB
to 0.5dB step
1Ch: 0dB
to 0.5dB step
00h: -14dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com