Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 19 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 15Page - Sanyo Semicon Device LC07424LP Datasheet HTML 16Page - Sanyo Semicon Device LC07424LP Datasheet HTML 17Page - Sanyo Semicon Device LC07424LP Datasheet HTML 18Page - Sanyo Semicon Device LC07424LP Datasheet HTML 19Page - Sanyo Semicon Device LC07424LP Datasheet HTML 20Page - Sanyo Semicon Device LC07424LP Datasheet HTML 21Page - Sanyo Semicon Device LC07424LP Datasheet HTML 22Page - Sanyo Semicon Device LC07424LP Datasheet HTML 23Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LC07424LP
No.A1619-19/32
Detailed Description of Registers
Reference voltage generator circuit
VREF_BIAS: Voltage REFerence BIAS
ADRS
Bit
Name
INIT
Description
00h
[7: 6]
VREF_BIAS[1: 0]
00b
Common reference voltage circuit setting (Vref_H_C and Vref_C pins)
11: Normal operation ‹*1›
10: VREF Rapid charging‹*1›
01: VREF pull-down
00: Power down
"9.1 Reference power supply, Line-out start / stop sequence" on page 31.
‹*1›"VREF rapid charge"setting allows rapid arrival at the target voltage through connection of resistor.
"Normal operation" setting enables power-saving operation through connection of standard resistor.
Logic synchronization clear
SYNC_CLR: SYNChronus CLeaR
ADRS
Bit
Name
INIT
Description
00h
[5]
SYNC_CLR
0b
Digital block synchronized reset control
1: Reset 0: Normal operation
This is used if the logic operation should become unstable,
and not used normally.
Power down circuit, Speaker output Control
SEL_PDX
: SELector Power Down (low active)
ALC_PDX
: ALC Power Down (low active)
ADC_A_PDX
: ADC Analog Power Down (low active)
DAC_A_PDX
: DAC Analog Power Down (low active)
VIDEO_PDX
: VIDEO Power Down (low active)
SP_OUTEN
: SPeaker OUTput ENable
SP_PDX
: SPeaker amp Power Down (low active)
MIX_PDX
: MIXer Power Down (low active)
LO_PDX
: Line Out Power Down (low active)
ADC_D_PDX
: ADC Digital Power Down (low active)
DAC_D_PDX
: DAC Digital Power Down (low active)
SP_EVR_PDX
: SPeaker EVR Power Down (low active)
ADRS
Bit
Name
INIT
Description
[4]
SEL_PDX
0b
Selector block power down
1: Normal operation 0: Power down
[3]
ALC_PDX
0b
ALC block power down
1: Normal operation 0: Power down
[2]
ADC_A_PDX
0b
ADC analog block power down
1: Normal operation 0: Power down
[1]
DAC_A_PDX
0b
DAC analog block power down
1: Normal operation 0: Power down
00h
[0]
VIDEO_PDX
0b
VIDEO power down
1: Normal operation 0: Power down
[7]
SP_OUTEN
0b
Speaker out enable
0: Speaker output stop 1: Normal operation
[6]
SP_PDX
0b
Speaker power down
1: Normal operation 0: Power down
[5]
MIX_PDX
0b
MIX power down
1: Normal operation 0: Power down
[4]
0
0b
0: Fixed
[3]
LO_PDX
0b
Line out power down
1: Normal operation 0: Power down
[2]
ADC_D_PDX
0b
ADC digital block power down
1: Normal operation 0: Power down
[1]
DAC_D_PDX
0b
DAC digital block power down
1: Normal operation 0: Power down
01h
[0]
SP_EVR_PDX
0b
Speaker EVR power down 1: Normal operation 0: Fixed at [SP_GAIN]=00h
When the circuit concerned is not used and the power saving function is to be made effective for this circuit, turn ON
the power DOWN function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com