Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 5Page - Sanyo Semicon Device LC07424LP Datasheet HTML 6Page - Sanyo Semicon Device LC07424LP Datasheet HTML 7Page - Sanyo Semicon Device LC07424LP Datasheet HTML 8Page - Sanyo Semicon Device LC07424LP Datasheet HTML 9Page - Sanyo Semicon Device LC07424LP Datasheet HTML 10Page - Sanyo Semicon Device LC07424LP Datasheet HTML 11Page - Sanyo Semicon Device LC07424LP Datasheet HTML 12Page - Sanyo Semicon Device LC07424LP Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LC07424LP
Video characteristics at Ta=25±2°C, VDDh=VDDvh=4.8V, VDDana=VDDsp=VDDv=2.8V,
VDDio=VDDdig=1.8V, VSSvh=VSSh=VSSana=VSSsp=VSSv=VSSdig=0V
Unless otherwise specified, the AC input is the sine wave.
Parameter
Symbol
Conditions
min
typ
max
unit
VD_YDR
YIN pin
1.0
1.2
Vp-p
Input range
VD_CDR
CIN pin
0.7
0.9
Vp-p
VD_YRin
YIN pin
1
MΩ
Input impedance
VD_CRin
CIN pin
100
kΩ
Input signal: 8MHz (0.7Vp-p)
-6.0
-3.0
0.0
dB
Frequency characteristics (*1)
VD_LPF
Input signal: 20MHz (0.7Vp-p)
-40
-30
dB
2nd harmonic distortion ratio 1 (*1)
VD_D1
Input signal: 1MHz (0.7Vp-p)
-50
-40
dB
2nd harmonic distortion ratio 2 (*1)
VD_D2
Input signal: 4MHz (0.7Vp-p)
-35
-30
dB
Differential gain
VD_DG
-1
1
%
Differential phase
VD_DP
-1
1
deg.
V_S / N (*2)
VD_VSNR
VOUT pin
-64
dBrms
AM
-70
dBrms
C_S / N (*3)
VD_CSNR
PM
-62
dBrms
Output load resistance
VD_RL
Refer to Fig. 2.5.1.
140
150
Ω
VD_C1L
C1 Refer to Fig. 2.5.1.
15
pF
Output load capacity
VD_C2L
C2 Refer to Fig. 2.5.1.
400
pF
Group delay 1 (*4)
VD_GD1
20
60
ns
Group delay 2 (*5)
VD_GD2
15
45
ns
[VD_Y_GAIN]=[VD_C_GAIN]=22h
7.2
8.2
9.2
dB
[VD_Y_GAIN]=[VD_C_GAIN]=11h
5.5
6.5
7.5
dB
Gain value (*6)
VD_G
[VD_Y_GAIN]=[VD_C_GAIN]=00h
3.8
4.8
5.8
dB
Gain step width
VD_GS
[VD_Y_GAIN]=22h to 00h
[VD_C_GAIN]=22h to 00h
0.1
dB
(*1) YIN input current, as measured at VOUT pin (0dB assumed af 100kHz)
(*2) Noise Spectrum measurement
Fig. 2.5.1 Video driver circuit
VOUT
Vsag
75Ω
1μF
75Ω
C2
C1
100μF
Measured at VOUT pin, 50% White input, frequency range (100k-5MHz)
(*3) Measured at VOUT pin , 100% Red input, frequency range (10k-1MHz)
(*4) Input: YIN pin, frequency range (100k-5MHz) Measurement: VOUT pin
(*5) Input: CIN pin, frequency range (2MHz-5MHz) Measurement: VOUT pin
(*6) Enter 100kHz (0.5Vp-p) to YIN pin and measure at VOUT pin.
Enter 3.58MHz (0.5Vp-p) to CIN pin and measure at VOUT pin.
Refer to Fig. 2.5.1. (Note here that C1=C2=0
μF)
Current drain at Ta=25±2°C, VDDh=VDDvh= 4.8V, VDDana=VDDsp=VDDv=2.8V
VDDio=VDDdig=1.8V, VSSvh=VSSh=VSSana=VSSsp=VSSv=VSSdig=0V
Parameter
Symbol
Conditions
min
typ
max
unit
Source current at standby
IddS
Total of the following pins; VDDio, VDDdig,
VDDana, VDDsp, VDDv, VDDh, and VDDvh (*1)
10
100
μA
1.8V system supply current
Idd18
Total of the following pins; VDDdig and VDDio
(*2)
5
mA
2.8V system supply current
Idd28
Total of the following pins; VDDana, VDDsp, and
VDDv (*2)
13
mA
4.8V system supply current
Idd48
Total of the following pins; VDDh, and VDDvh
(*2)
6
mA
(*1) RESET_X pin = 0V、After input of clock in the MCLK pin, measure after stopping the clock.
(*2) All circuits operating (Record & Playback & VIDEO)
MCLK: 12.288MHz (48kHz), Audio analog input signal: no signal, video input signal: Color bar
No.A1619-9/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com