Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 18 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 18 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 14Page - Sanyo Semicon Device LC07424LP Datasheet HTML 15Page - Sanyo Semicon Device LC07424LP Datasheet HTML 16Page - Sanyo Semicon Device LC07424LP Datasheet HTML 17Page - Sanyo Semicon Device LC07424LP Datasheet HTML 18Page - Sanyo Semicon Device LC07424LP Datasheet HTML 19Page - Sanyo Semicon Device LC07424LP Datasheet HTML 20Page - Sanyo Semicon Device LC07424LP Datasheet HTML 21Page - Sanyo Semicon Device LC07424LP Datasheet HTML 22Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LC07424LP
No.A1619-18/32
ADRS
Bit
Name
INIT
Description
0Dh
[7:0]
TEST1
00h
For LSI TEST
[7]
0
0b
0: Fixed
[6]
0
0b
0: Fixed
[5]
SP_ZCD
1b
Speaker amplifier circuit, Zero cross detection setting
1: ON 0: OFF
[4]
[3]
SP_ZCDTM
01b
Speaker amplifier circuit, Time setting at the zero cross time
11: 1024 (1 / fs) 10: 512 (1 / fs) 01: 256 (1 / fs) 00: 128 (1 / fs)
[2]
SP_SOFTSW
1b
Speaker amplifier circuit, Soft switch function setting
1: ON 0: OFF
[1]
0Eh
[0]
SP_SSC
11b
Speaker amplifier circuit, Time setting of soft switch operation
11: 200ms 10: 100ms 01: 50ms 00: 10ms
[7]
0
0b
0: Fixed
[6]
0
0b
0: Fixed
[5]
0
0b
0: Fixed
[4]
[3]
0
LO_DET_VDD
0b
1b
0: Fixed
Line output, VDDh power detection function 1: ON 0: OFF
[2]
LO_GAIN
1b
Line output, Gain setting
1: 6.5dB 0: 0dB
[1]
LO_VREFSW
1b
Line output, pin state control 1: Connected with VREF 0: Not connected with VREF
0Fh
[0]
LO_MUTE
1b
Line output, MUTE setting
1: ON
0: OFF
10h
[7:0]
TEST2
00h
For LSI TEST
11h
[7:0]
TEST3
00h
For LSI TEST
[7]
0
0b
0: Fixed
[6]
0
0b
0: Fixed
[5]
[4]
[3]
[2]
[1]
12h
[0]
VD_Y_GAIN
11h
YIN pin signal gain setting,
3Fh to 23h: Set prohibition
22h: 8.2dB
to
(about 0.1dB / step)
11h: 6.5dB
to
(about 0.1dB / step)
00h: 4.8dB
[7]
0
0b
0: Fixed
[6]
0
0b
0: Fixed
[5]
[4]
[3]
[2]
[1]
13h
[0]
VD_C_GAIN
11h
CIN pin signal gain setting
3Fh to 23h: Set prohibition
22h: 8.2dB
to
(about 0.1dB / step)
11h: 6.5dB
to
(about 0.1dB / step)
00h: 4.8dB
[7]
0
0b
0: Fixed
[6]
0
0b
0: Fixed
[5]
0
0b
0: Fixed
[4]
0
0b
0: Fixed
[3]
0
0b
0: Fixed
[2]
0
0b
0: Fixed
[1]
VD_SAG_MODE 1b
Video driver, Operation setting 1: Sag compensation 0: DC direct coupling
14h
[0]
0
0b
0: Fixed
15h
[7:0]
TEST4
11h
For LSI TEST
16h
[7:0]
TEST5
02h
For LSI TEST
17h
[7:0]
TEST6
00h
For LSI TEST
18h
[7:0]
TEST7
05h
For LSI TEST
19h
[7:0]
TEST8
00h
For LSI TEST
1Ah
[7:0]
TEST9
FFh
For LSI TEST
1Bh
[7:0]
TEST10
00h
For LSI TEST
1Ch
[7:0]
TEST11
00h
For LSI TEST
1Dh
[7:0]
TEST12
00h
For LSI TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com