Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 20 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 20 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 16Page - Sanyo Semicon Device LC07424LP Datasheet HTML 17Page - Sanyo Semicon Device LC07424LP Datasheet HTML 18Page - Sanyo Semicon Device LC07424LP Datasheet HTML 19Page - Sanyo Semicon Device LC07424LP Datasheet HTML 20Page - Sanyo Semicon Device LC07424LP Datasheet HTML 21Page - Sanyo Semicon Device LC07424LP Datasheet HTML 22Page - Sanyo Semicon Device LC07424LP Datasheet HTML 23Page - Sanyo Semicon Device LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LC07424LP
Corresponding position diagram between Power Down registers and function blocks (for reference)
BUF CLAMP
BUF BIAS
PGA
PGA
6.5dB+1.7dB(0.1dB/step)
LPF
VREF(1.3V)
VREF(VDDh/2)
VREF(VDDana/2)
SEL
SEL
MIX
AMP
control
SP Amp
SPn
SPp
to Speaker
0dB to -65.2dB
Video
Vout
Vsag
Yin
Cin
Vref_v_C
Vref_H_C
Vref_C
6.5dB/0dB
DAC
16bit
DAC
16bit
Lout_L
Lout_R
ADC
16bit
ADC
16bit
ALC
cont.
ALC/Limiter
+34dB to -14dB
PGA
PGA
Lin_L
Lin_R
VDDvh
VSSvh
VDDv
VSSv
VDDh
VSSh
VDDsp
VSSsp
VDDana
VSSana
VDDio
VDDdig
VSSdig
G_PORT2
G_PORT1
G_PORT0
MCLK
BCLK
LRCLK
DAC_Din
ADC_Dout
I2S IF
CS_X
SCLK
SDin
RESET_X
TESTin
MPU
Serial IF
/Regster/
[VIDEO_PDX]
[VREF_BIAS]
[SEL_PDX]
[MIX_PDX]
[SP_PDX]
[LO_PDX]
[ALC_PDX]
[ADC_D_PDX]
[ADC_A_PDX]
[DAC_D_PDX]
[DAC_A_PDX]
No.A1619-20/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com