Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 13Page - Sanyo Semicon Device LC07424LP Datasheet HTML 14Page - Sanyo Semicon Device LC07424LP Datasheet HTML 15Page - Sanyo Semicon Device LC07424LP Datasheet HTML 16Page - Sanyo Semicon Device LC07424LP Datasheet HTML 17Page - Sanyo Semicon Device LC07424LP Datasheet HTML 18Page - Sanyo Semicon Device LC07424LP Datasheet HTML 19Page - Sanyo Semicon Device LC07424LP Datasheet HTML 20Page - Sanyo Semicon Device LC07424LP Datasheet HTML 21Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LC07424LP
No.A1619-17/32
ADRS
Bit
Name
INIT
Description
[7]
ALC_MUTE_L
0b
ALC circuit, Lch mute setting
1: ON 0: OFF
[6]
[5]
[4]
[3]
[2]
[1]
06h
[0]
ALC_DVL
1Ch
ALC circuit, Lch PGA gain value setting in the manual mode
7Fh: MUTE 7Eh to 61h: Set prohibition
60h: +34dB
to 0.5dB step
1Ch: 0dB
to 0.5dB step
00h: -14dB
[7]
ALC_MUTE_R
0b
ALC circuit, Rch mute setting
1: ON 0: OFF
[6]
[5]
[4]
[3]
[2]
[1]
07h
[0]
ALC_DVR
1Ch
ALC circuit, Rch PGA gain value setting in the manual mode
7Fh: MUTE 7Eh to 61h: Set prohibition
60h: +34dB
to 0.5dB step
1Ch: 0dB
to 0.5dB step
00h: -14dB
08h
[7:0]
TEST0
00h
For LSI TEST
[7]
0
0b
0: Fixed
[6]
0
0b
0: Fixed
[5]
0
0b
0: Fixed
[4]
ADF_BCLK
0b
ADF bit clock frequency setting
1: 32fs 0: 64fs
[3]
[2]
0
00b
0: Fixed
[1]
00b
ADF digital audio data format setting
09h
[0]
ADF_MODE
11, 10: Backward justification 01: Forward justification 00: I2S
[7]
ADF_DAC_INV
0b
DAC input data inverse setting
1: Inverted 0: Non-inversion
[6]
ADF_ADC_INV
0b
ADC output data inverse setting 1: Inverted 0: Non-inversion
[5]
0
0b
0: Fixed
[4]
DE_EN
0b
De-Emphasis Filter Enable setting
1: ON 0: OFF
[3]
0b
Sampling frequency setting
[2]
ADF_FS
0b
11: Set prohibition 10: 44.1kHz 01: 32kHz
00: 48kHz
[1]
ADF_LB
0b
Loopback mode setting
1: ON
0: OFF
0Ah
[0]
ADF_MASTER
0b
BCLK / LRCLK
1: Master mode 0: Slave mode
[7]
[6]
SEL_L
10b
Select circuit (Lch) ALC / PGA, DAC select setting
10: DAC output selection 01: ALC / PGA output selection
11, 00: Set prohibition
[5]
[4]
SEL_R
10b
Select circuit (Rch) ALC / PGA, DAC select setting
10: DAC output selection 01: ALC / PGA output selection
11, 00: Set prohibition
[3]
0
0b
0: Fixed
[2]
0
0b
0: Fixed
[1]
0Bh
[0]
MIX_MONO
11b
MIX circuit setting
11: Lch+Rch selected 10: Rch selected 01: Lch selected
00: Set prohibition
[7]
0
0b
0: Fixed
[6]
0
0b
0: Fixed
[5]
[4]
[3]
[2]
[1]
0Ch
[0]
SP_GAIN
00h
Speaker circuit EVR gain setting
3Fh: 0dB (about 0.1 to 3.0dB / step)
to
00h: -65.2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com