Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 7Page - Sanyo Semicon Device LC07424LP Datasheet HTML 8Page - Sanyo Semicon Device LC07424LP Datasheet HTML 9Page - Sanyo Semicon Device LC07424LP Datasheet HTML 10Page - Sanyo Semicon Device LC07424LP Datasheet HTML 11Page - Sanyo Semicon Device LC07424LP Datasheet HTML 12Page - Sanyo Semicon Device LC07424LP Datasheet HTML 13Page - Sanyo Semicon Device LC07424LP Datasheet HTML 14Page - Sanyo Semicon Device LC07424LP Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LC07424LP
‹ Microcontroller Serial Interface Timing Diagram ›
SCLK
SDin
tSH
tCYC
tSL
tSU tHD
tSR
tSF
CS_X
tWSCLK
tWCSX
A [7]
Dn [0]
tSU
tHD
BCLK
LRCLK
tPH
tPH
‹ Audio Data Timing Diagram ›
ADC_DOUT
tDD
DAC_DIN
tSUA
tHDA
Input / Output level
VDDh=VDDvh=4.8V, VDDana=VDDsp=VDDv=2.8V, VDDio=VDDdig=1.8V, standard setting
dB
: Gain value
DAC analog output full scale (FS) FS = -4.5dBV = 1.68Vp-p = 2.8V х 0.6
ADC analog input full scale (FS) FS = -4.5dBV = 1.68Vp-p = 2.8V х 0.6
0dBV=1Vrms=2.83Vp-p
· Speaker output
No.A1619-11/32
· Line output
-2.5dBFS
-7dBV
0dB
BTL AMP of -3dBV input
Output equivalent to
3dBV (250mW)
DAC
EVR
DAC
4dB
SP Amp
(BTL)
‹*1› Added in the case of common-
mode signal to become the double
(6dB) level.
SPn
SPp
L_c
R_c
-
-3dBV
MIX
-2dB
6dB<*1>
-2dB
0dB to -65.2dB
PGA
SEL
0dBFS
-4.5dBV
DAC
DAC
LINE Amp
LOUT_L
LOUT_R
L_c
R_c
2dBV (=3.56Vp-p)
6.5d
-4.5dBV
2dBV
6.5dB / 0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com