Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 8Page - Sanyo Semicon Device LC07424LP Datasheet HTML 9Page - Sanyo Semicon Device LC07424LP Datasheet HTML 10Page - Sanyo Semicon Device LC07424LP Datasheet HTML 11Page - Sanyo Semicon Device LC07424LP Datasheet HTML 12Page - Sanyo Semicon Device LC07424LP Datasheet HTML 13Page - Sanyo Semicon Device LC07424LP Datasheet HTML 14Page - Sanyo Semicon Device LC07424LP Datasheet HTML 15Page - Sanyo Semicon Device LC07424LP Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LC07424LP
· Digital output
-1dBFS
-5.5dBV
ADC
LIN_L
ADC_DOUT
ALC (PGA)
-1dBFS
0dB
-5.5dBV
+34dB to -14dB
Outline of operation
1. System reset/power-down
When the RESET_X pin is set to “VSS,” the system is reset, and all the circuits go into the power-down mode. After
the power is turned on, perform this operation once without fail.
When the system is reset, the contents of the register are initialized. (See register tables.)
For the subsequent startup of each function, refer to the section “Control/start/stop sequence for reducing pop noise.”
2. ALC
When the ALC is active, the PGA (programmable gain amplifier) gain value is automatically adjusted so that the
audio level becomes the preset value. The PGA gain can be adjusted in a range from +34 to -14dB.
By limiting the gain adjustment range to 0 to -14dB, this adjustment function can be made to work as a limiter
function.
The ALC operation can be stopped by a register setting. The ALC is then placed in the manual mode, and the PGA
gain is adjusted by the register setting. For details, refer to the section “Description of ALC/limiter operation.”
3. A/D converter
The A/D converter converts the analog PGA output signals into digital data, and the digital data is then output as 16-
bit serial audio data.
There are three formats supported: I2S, left justification and right justification.
The A/D converter incorporates a high-pass filter for canceling DC offset.
The analog input range of the ADC is 0.6VDDadc. When VDDadc is 2.8V, 0dBfs is 1.68V.
4. D/A converter
The D/A converter converts the digital 16-bit serial audio data into analog signals.
There are three formats supported: I2S, left justification and right justification.
The D/A converter incorporates a high-pass filter for canceling DC offset.
The analog input range of the ADC is 0.6VDDadc. When VDDadc is 2.8V, 0dBfs is 1.68V.
5. Selector
This selector is for selecting either the DAC or PGA output of the ALC. When the DAC output has been selected, the
DAC output signals are output as the Line/speaker amplifier output signals. When the PGA output has been selected,
the signals from line input are all turned into analog signals to become the Line/speaker amplifier output signals.
6. MIX
This is the mixing circuit for the left- and right-channel audio signals. In other words, this functions as a monaural
signal generator circuit to provide a monaural speaker amplifier input. The left- and right-channel signals are mixed
on a 1:1 basis and then output through the -2dB amplifier.
If the left- and right-channel signals are identical, the total gain becomes 4dB (= 6dB(doubled) -2dB).
No.A1619-12/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com