Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 26 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 26 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 22Page - Sanyo Semicon Device LC07424LP Datasheet HTML 23Page - Sanyo Semicon Device LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device LC07424LP Datasheet HTML 25Page - Sanyo Semicon Device LC07424LP Datasheet HTML 26Page - Sanyo Semicon Device LC07424LP Datasheet HTML 27Page - Sanyo Semicon Device LC07424LP Datasheet HTML 28Page - Sanyo Semicon Device LC07424LP Datasheet HTML 29Page - Sanyo Semicon Device LC07424LP Datasheet HTML 30Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LC07424LP
Line out circuit
LO_DET_VDD: Line Out DETct VDDh
LO_GAIN : Line Out GAIN
LO_VREFSW : Line Out Voltage REFerence SWitch
LO_MUTE : Line Out MUTE
ADRS
Bit
Name
Init
Description
0Fh
[3]
LO_DET_VDD
1b
Line output. VDDh power detection function
1: ON
0: OFF
[2]
LO_GAIN
1b
Line output. Amplifier gain setting
1: 6.5dB 0: 0dB
[1]
LO_VREFSW
1b
Line output. Effective for pin state control and power DOWN ([LO_PDX]=0)
1: LOUT_L and LOUT_R pins become the VREF level output.
0: LOUT_L and LOUT_R pins become Hi-Z.
[0]
LO_MUTE
1b
Line output. MUTE setting
1: ON 0: OFF
VDDh power detection function (operation for setting of [LO_MUTE]=0 and [LO_PDX]=1)
When VDDh power supply becomes 4.0V (TYP) or less, the line output is automatically set to the state equivalent to
"[LO_MUTE]=1, [LO_PDX]=0."
When VDDh power supply returns to 4.3V (TYP) or more, the line output is automatically set to the state equivalent to
"[LO_MUTE]=0, [LO_PDX]=1."
Refer to "1. Reference power supply, line out start/stop sequence."
Video circuit
VD_Y_GAIN : Video Driver Y GAIN
VD_C_GAIN : Video Driver C GAIN
VD_SAG_MODE: Video Driver SAG MODE
ADRS
Bit
Name
INIT
Description
12h
[5:0]
VD_Y_GAIN[5:0]
11h
Video driver. YIN pin input gain setting
See Table 8.5.
13h
[5:0]
VD_C_GAIN[5:0]
11h
Video driver. CIN pin input gain setting
See Table 8.5.
14h
[1]
VD_SAG_MODE
1b
Video driver. VOUT pin output setting
1: Sag compensation type 0: DC direct coupling type
Table 8.5. Video driver circuit gain setting (TYP value) VD_Y_GAIN [5: 0] / VD_C_GAIN [5: 0]
[5: 0]
gain (dB)
[5: 0]
gain (dB)
[5: 0]
gain (dB)
[5: 0]
gain (dB)
3Fh
Set prohibition
2Fh
Set prohibition
1Fh
7.9
0Fh
6.3
3Eh
2Eh
1Eh
7.8
0Eh
6.2
3Dh
2Dh
1Dh
7.7
0Dh
6.1
3Ch
2Ch
1Ch
7.6
0Ch
6.0
3Bh
2Bh
1Bh
7.5
0Bh
5.9
3Ah
2Ah
1Ah
7.4
0Ah
5.8
39h
29h
19h
7.3
09h
5.7
38h
28h
18h
7.2
08h
5.6
37h
27h
17h
7.1
07h
5.5
36h
26h
16h
7.0
06h
5.4
35h
25h
15h
6.9
05h
5.3
34h
24h
14h
6.8
04h
5.2
33h
23h
13h
6.7
03h
5.1
32h
22h
8.2
12h
6.6
02h
5.0
31h
21h
8.1
11h
6.5
01h
4.9
30h
20h
8.0
10h
6.4
00h
4.8
No.A1619-26/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com