Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 28 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 28 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device LC07424LP Datasheet HTML 25Page - Sanyo Semicon Device LC07424LP Datasheet HTML 26Page - Sanyo Semicon Device LC07424LP Datasheet HTML 27Page - Sanyo Semicon Device LC07424LP Datasheet HTML 28Page - Sanyo Semicon Device LC07424LP Datasheet HTML 29Page - Sanyo Semicon Device LC07424LP Datasheet HTML 30Page - Sanyo Semicon Device LC07424LP Datasheet HTML 31Page - Sanyo Semicon Device LC07424LP Datasheet HTML 32Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LC07424LP
Control to reduce the POP sound
‹Note› [xxxx] is a register name.
The POP sound can be reduced by performing start/stop in the timing shown below.
Reference power supply, line out start / stop sequence
[VREF_BIAS[1]]
[VREF_BIAS[0]]
[LO_PDX]
[LO_MUTE]
t2
t3
t3
t2
t4b
t1
t4a
(0.5)VDDh
(0.5)VDDana
(0.5)VDDh
Common reference power supply
No.A1619-28/32
Vref_H_C pin
Vref_C pin
Line_out input signal
LOUT_L pin
LOUT_R pin
Line_out circuit
•
Recommendation value
t1 › 300ms (Rapid charge period with the Vref_H_C pin connection capacity of 1μF and the Vref_C pin
connection capacity of 4.7μF)
t2 › 0ms
t3 › 1ms
(Waiting time of MUTE ON / OFF)
t4a › 300ms
(Pull down period)
t4b › 1ms
(Pull down period, at already when LOUT_L, LOUT_R pin is GND level.)
•
It makes it to 0Fh: [LO_VREFSW] = 1, usually.
•
[LO_VREFSW] function at power down (LO_PDX = 0)
[LO_VREFSW] = 1: LOUT_L, LOUT_R pin becomes VREF level output
Speaker Amplifier Start / Stop Sequence
[LO_VREFSW] = 0: LOUT_L, LOUT_R pin becomes Hi-Z
•
Recommendation value
t2
t3
t1
t4
(0.5)VDDh
t2
t2
t2
[SP_PDX]
[SP_OUTEN]
Speaker amplifier
input signal
SPP,SPN pin
(Speaker output)
t1 › 1ms (Speaker bias start-up time)
t2: [SP_SSC] set time (200ms / 100ms / 50ms / 10ms)
t3 › 1ms
t4 › 1ms
•
[SP_OUT_EN] must be set to 0 when power down ([SP_PDX] = 0) mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com