Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 30 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 30 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device LC07424LP Datasheet HTML 25Page - Sanyo Semicon Device LC07424LP Datasheet HTML 26Page - Sanyo Semicon Device LC07424LP Datasheet HTML 27Page - Sanyo Semicon Device LC07424LP Datasheet HTML 28Page - Sanyo Semicon Device LC07424LP Datasheet HTML 29Page - Sanyo Semicon Device LC07424LP Datasheet HTML 30Page - Sanyo Semicon Device LC07424LP Datasheet HTML 31Page - Sanyo Semicon Device LC07424LP Datasheet HTML 32Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LC07424LP
ALC Wave Forms
[ALC_VAL]
[ALC_VAL]
-2dB
e
d
c
b
a
[ALC_VAL]
[ALC_VAL]
-2dB
A B
C
D
E
Input signal
PGA after signal
PGA after signal
Input signal
tSN : Short period(ex.Spike Noise)
Range
Operating
PGA gain
Related registers
[ALC_FA] Attack factor
a, A
Attack
Rapid reduction
[ALC_VAL] ALC value
b, B
Stable
Constant
[ALC_RWT] Recovery standby time
c, C
Recovery wait time
Constant
[ALC_FR] Recovery factor
d,
Recovery
Slow increase
[ALC_FR] Recovery factor
, D
Recovery
Increase faster than d
[ALC_VMAX] PGA gain maximum value
e, E
Stable
Constant
Limiter operation (PGA gain maximum value [ALC_VMAX]= 0dB set)
[ALC_VAL]
[ALC_VAL]
-2dB
a
d
c
b
a
b
tS
Input signal
PGA after signal
In the tS range, the "input" is equivalent to "PGA After" in terms of signal level. (signal level through)
No.A1619-30/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com