Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 27 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 27 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 23Page - Sanyo Semicon Device LC07424LP Datasheet HTML 24Page - Sanyo Semicon Device LC07424LP Datasheet HTML 25Page - Sanyo Semicon Device LC07424LP Datasheet HTML 26Page - Sanyo Semicon Device LC07424LP Datasheet HTML 27Page - Sanyo Semicon Device LC07424LP Datasheet HTML 28Page - Sanyo Semicon Device LC07424LP Datasheet HTML 29Page - Sanyo Semicon Device LC07424LP Datasheet HTML 30Page - Sanyo Semicon Device LC07424LP Datasheet HTML 31Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LC07424LP
Sag compensation type ([VD_SAG_MODE]=1b)
Value (TYP) when DAC output is 1Vp-p and gain setting is 6dB
Sync tip level
Video signal level
No.A1619-27/32
YIN pin
0.8V
1Vp-p
VOUT pin
1.0V (Note 1)
2Vp-p
VIDEO
(Note 2)
1Vp-p
(Note 1) Fluctuation in V cycle because of sag compensation
(Note 2) Fluctuation according to the video signal waveform
YIN
+
CIN
VOUT
Video
LPF
Vsag
VREF (1.3V)
Vref_v_C
PGA
PGA
6.0dB
BUF
CLAMP
4.8V
# Total gain 6.5dB±1.7dB (0.1dB / step)
0.5dB±1.7dB (0.1dB/step)
BUF
BIAS
DAC
DAC
75Ω
VIDEO
75Ω
100
μF
1
μF
1
μF
0.1
μF
DC direct coupling type ( [VD_SAG_MODE]=0b)
Value (TYP) when DAC output is 1Vp-p and gain setting is 6dB (TYP)
Sync tip level
Video signal level
YIN pin
0.8V
1Vp-p
VOUT pin
2Vp-p
0.2V (Note 3)
1Vp-p
VIDEO
0.1V
(Note 3) The sink chip level is lower than the sag compensation type so as to minimize the power dissipation.
YIN
+
CIN
Video
VREF (1.3V)
Vref_v_C
PGA
PGA
6.0dB
BUF
CLAMP
4.8V
# Total gain 6.5dB±1.7dB (0.1dB / step)
0.5dB±1.7dB (0.1dB / step)
BUF
BIAS
DAC
DAC
VOUT
Vsag
75Ω
VIDEO
75Ω
1
μF
0.1
μF
LPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com