Electronic Components Datasheet Search
  English  ▼

X  

LC07424LP Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # LC07424LP
Description  CMOS IC Audio CODEC with Video Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07424LP Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button LC07424LP Datasheet HTML 11Page - Sanyo Semicon Device LC07424LP Datasheet HTML 12Page - Sanyo Semicon Device LC07424LP Datasheet HTML 13Page - Sanyo Semicon Device LC07424LP Datasheet HTML 14Page - Sanyo Semicon Device LC07424LP Datasheet HTML 15Page - Sanyo Semicon Device LC07424LP Datasheet HTML 16Page - Sanyo Semicon Device LC07424LP Datasheet HTML 17Page - Sanyo Semicon Device LC07424LP Datasheet HTML 18Page - Sanyo Semicon Device LC07424LP Datasheet HTML 19Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LC07424LP
Register Table
ADRS (Address): displayed in hexadecimal notation
Init (initial value
): displayed in hexadecimal notation
"0" settings are used for registers indicated with "0". Registers with gray background are for LSI test.
They are fixed at INIT values.
Set data for all registers (including registers for test).
Register Data D[7:0]
Function
ADRS
[7:0]
INIT
[7:0]
7
6
5
4
3
2
1
0
PM1
00h
00h
VREF_BIAS[1]
VREF_BIAS[0]
SYNC_CLR
SEL_PDX
ALC_PDX
ADC_A_PDX
DAC_A_PDX
VIDEO_PDX
PM2
01h
00h
SP_OUTEN
SP_PDX
MIX_PDX
0
LO_PDX
ADC_D_PDX
DAC_D_PDX
SP_EVR_PDX
ALC1
02h
11h
0
0
0
ALC_LI_L
0
0
0
ALC_LI_R
ALC2
03h
3Dh
ALC_VAL[2]
ALC_VAL[1]
ALC_VAL[0]
ALC_FA[1]
ALC_FA[0]
ALC_FR[2]
ALC_FR[1]
ALC_FR[0]
ALC3
04h
86h
ALC_ZCD
ALC_ZCDTM[1]
ALC_ZCDTM[0]
ALC_FULLEN
ALC_ATLIM[1]
ALC_ATLIM[0]
ALC_RWT[1]
ALC_RWT[0]
ALC4
05h
1Ch
ALC_OFF
ALC_VMAX[6]
ALC_VMAX[5]
ALC_VMAX[4]
ALC_VMAX[3]
ALC_VMAX[2]
ALC_VMAX[1]
ALC_VMAX[0]
ALC5
06h
1Ch
ALC_MUTE_L
ALC_DVL[6]
ALC_DVL[5]
ALC_DVL[4]
ALC_DVL[3]
ALC_DVL[2]
ALC_DVL[1]
ALC_DVL[0]
ALC6
07h
1Ch
ALC_MUTE_R
ALC_DVR[6]
ALC_DVR[5]
ALC_DVR[4]
ALC_DVR[3]
ALC_DVR[2]
ALC_DVR[1]
ALC_DVR[0]
TEST0
08h
00h
TEST0[7]
TEST0[6]
TEST0[5]
TEST0[4]
TEST0[3]
TEST0[2]
TEST0[1]
TEST0[0]
CODEC1
09h
00h
0
0
0
ADF_BCLK
0
0
ADF_MODE[1]
ADF_MODE[0]
CODEC2
0Ah
00h
ADF_DAC_INV
ADF_ADC_INV
0
DE_EN
ADF_FS[1]
ADF_FS[0]
ADF_LB
ADF_MASTER
SEL/MIX
0Bh
A3h
SEL_L[1]
SEL_L[0]
SEL_R[1]
SEL_R[0]
0
0
MIX_MONO[1]
MIX_MONO[0]
SP1
0Ch
00h
0
0
SP_GAIN_L[5]
SP_GAIN_L[4]
SP_GAIN_L[3]
SP_GAIN_L[2]
SP_GAIN_L[1]
SP_GAIN_L[0]
TEST1
0Dh
00h
TEST1[7]
TEST1[6]
TEST1[5]
TEST1[4]
TEST1[3]
TEST1[2]
TEST1[1]
TEST1[0]
SP3
0Eh
2Fh
0
0
SP_ZCD
SP_ZCDTM[1]
SP_ZCDTM[0]
SP_SOFTSW
SP_SSC[1]
SP_SSC[0]
LINE
0Fh
0Fh
0
0
0
0
LO_DET_VDD
LO_GAIN
LO_VREFSW
LO_MUTE
TEST2
10h
00h
TEST2[7]
TEST2[6]
TEST2[5]
TEST2[4]
TEST2[3]
TEST2[2]
TEST2[1]
TEST2[0]
TEST3
11h
00h
TEST3[7]
TEST3[6]
TEST3[5]
TEST3[4]
TEST3[3]
TEST3[2]
TEST3[1]
TEST3[0]
VIDEO1
12h
11h
0
0
VD_Y_GAIN[5]
VD_Y_GAIN[4]
VD_Y_GAIN[3]
VD_Y_GAIN[2]
VD_Y_GAIN[1]
VD_Y_GAIN[0]
VIDEO2
13h
11h
0
0
VD_C_GAIN[5]
VD_C_GAIN[4]
VD_C_GAIN[3]
VD_C_GAIN[2]
VD_C_GAIN[1]
VD_C_GAIN[0]
VIDEO3
14h
02h
0
0
0
0
0
0
VD_SAG_MODE
0
TEST4
15h
11h
TEST4[7]
TEST4[6]
TEST4[5]
TEST4[4]
TEST4[3]
TEST4[2]
TEST4[1]
TEST4[0]
TEST5
16h
02h
TEST5[7]
TEST5[6]
TEST5[5]
TEST5[4]
TEST5[3]
TEST5[2]
TEST5[1]
TEST5[0]
TEST6
17h
00h
TEST6[7]
TEST6[6]
TEST6[5]
TEST6[4]
TEST6[3]
TEST6[2]
TEST6[1]
TEST6[0]
TEST7
18h
05h
TEST7[7]
TEST7[6]
TEST7[5]
TEST7[4]
TEST7[3]
TEST7[2]
TEST7[1]
TEST7[0]
TEST8
19h
00h
TEST8[7]
TEST8[6]
TEST8[5]
TEST8[4]
TEST8[3]
TEST8[2]
TEST8[1]
TEST8[0]
TEST9
1Ah
FFh
TEST9[7]
TEST9[6]
TEST9[5]
TEST9[4]
TEST9[3]
TEST9[2]
TEST9[1]
TEST9[0]
TEST10
1Bh
00h
TEST10[7]
TEST10[6]
TEST10[5]
TEST10[4]
TEST10[3]
TEST10[2]
TEST10[1]
TEST10[0]
TEST11
1Ch
00h
TEST11[7]
TEST11[6]
TEST11[5]
TEST11[4]
TEST11[3]
TEST11[2]
TEST11[1]
TEST11[0]
TEST12
1Dh
00h
TEST12[7]
TEST12[6]
TEST12[5]
TEST12[4]
TEST12[3]
TEST12[2]
TEST12[1]
TEST12[0]
ADRS =Address
INIT
=Initial value
PM
=Power Management
ALC
=Automatic Level Control
ADC
=AD Converter
DAC
=DA Converter
EVR
=Electronic Variable Resistor
ADF
=Audio Data Format
PGA
=Programmable Gain Amplifier
Lch
=Left channel
Rch
=Right channel
2^n
=2n (ex. 2^10 = 1024)
Nh
= N denotes a hexadecimal number.
Nb
= N denotes a binary number.
ABC[n] = Register with a multiple number of bits.
ABC is the register name, and “n” is the
number of bits.
No.A1619-15/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com