Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 10Page - Maxim Integrated Products DS9101 Datasheet HTML 11Page - Maxim Integrated Products DS9101 Datasheet HTML 12Page - Maxim Integrated Products DS9101 Datasheet HTML 13Page - Maxim Integrated Products DS9101 Datasheet HTML 14Page - Maxim Integrated Products DS9101 Datasheet HTML 15Page - Maxim Integrated Products DS9101 Datasheet HTML 16Page - Maxim Integrated Products DS9101 Datasheet HTML 17Page - Maxim Integrated Products DS9101 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
14
______________________________________________________________________________________
Memory
Figure 5 shows the DS1923 memory map. Pages 0 to
15 contain 512 bytes of general-purpose SRAM. The
various registers to set up and control the device fill
pages 16 and 17, called register pages 1 and 2 (see
Figure 6 for details). Pages 18 and 19 can be used as
storage space for calibration data. The data-log log-
ging memory starts at address 1000h (page 128) and
extends over 256 pages. The memory pages 20 to
127 are reserved for future extensions. The scratch-
pad is an additional page that acts as a buffer when
writing to the SRAM memory or the register pages.
The calibration memory holds data from the device
calibration that can be used to further improve the
accuracy of temperature and humidity readings. See
the
Software Correction Algorithm sections for details.
The last byte of the calibration memory page stores an
8-bit CRC of the preceding 31 bytes. Page 19 is an
exact copy of the data in page 18. While the user can
overwrite the calibration memory, this is not recom-
mended. See the
Security by Password section for
ways to protect the memory. The access type for the
32-BYTE INTERMEDIATE STORAGE
SCRATCHPAD
ADDRESS
0000h TO 001Fh
32-BYTE GENERAL-PURPOSE SRAM
(R/W)
PAGE 0
0020h TO 01FFh
GENERAL-PURPOSE SRAM (R/W)
PAGES 1 TO 15
0200h TO 021Fh
32-BYTE REGISTER PAGE 1
PAGE 16
0220h TO 023Fh
32-BYTE REGISTER PAGE 2
PAGE 17
0240h TO 025Fh
CALIBRATION MEMORY PAGE 1 (R/W)
PAGE 18
0260h TO 027Fh
CALIBRATION MEMORY PAGE 2 (R/W)
PAGE 19
0280h TO 0FFFh
(RESERVED FOR FUTURE EXTENSIONS)
PAGES 20 TO 127
1000h TO 2FFFh
DATA-LOG MEMORY (READ ONLY)
PAGES 128 TO 383
Figure 5. Memory Map
1ST
STAGE
2ND
STAGE
3RD
STAGE
4TH
STAGE
7TH
STAGE
8TH
STAGE
6TH
STAGE
5TH
STAGE
X0
X1
X2
X3
X4
POLYNOMIAL = X8 + X5 + X4 + 1
INPUT DATA
X5
X6
X7
X8
Figure 4. 1-Wire CRC Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com