Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 40Page - Maxim Integrated Products DS9101 Datasheet HTML 41Page - Maxim Integrated Products DS9101 Datasheet HTML 42Page - Maxim Integrated Products DS9101 Datasheet HTML 43Page - Maxim Integrated Products DS9101 Datasheet HTML 44Page - Maxim Integrated Products DS9101 Datasheet HTML 45Page - Maxim Integrated Products DS9101 Datasheet HTML 46Page - Maxim Integrated Products DS9101 Datasheet HTML 47Page - Maxim Integrated Products DS9101 Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
44
______________________________________________________________________________________
VPUP
VTH
VHY
0V
tREH
tGL
tREH
tGL
CASE A
CASE C
CASE B
Figure 14. Noise Suppression Scheme
1ST
STAGE
2ND
STAGE
3RD
STAGE
4TH
STAGE
7TH
STAGE
8TH
STAGE
6TH
STAGE
5TH
STAGE
X0
X1
X2
X3
X4
POLYNOMIAL = X16 + X15 + X2 + 1
INPUT DATA
CRC OUTPUT
X5
X6
11TH
STAGE
12TH
STAGE
15TH
STAGE
14TH
STAGE
13TH
STAGE
X11
X12
9TH
STAGE
10TH
STAGE
X9
X10
X13
X14
X7
16TH
STAGE
X16
X15
X8
Figure 15. CRC-16 Hardware Description and Polynomial
CRC Generation
The DS1923 uses two types of CRCs. One CRC is an
8-bit type and is stored in the most significant byte of
the 64-bit ROM. The bus master can compute a CRC
value from the first 56 bits of the 64-bit ROM and com-
pare it to the value stored within the DS1923 to deter-
mine if the ROM data has been received error-free. The
equivalent polynomial function of this CRC is
X8 +X5 +X4 + 1. This 8-bit CRC is received in the true
(noninverted) form, and it is computed at the factory
and lasered into the ROM.
The other CRC is a 16-bit type, generated according to
the standardized CRC-16 polynomial function
X16 +X15 + X2 + 1. This CRC is used for error detec-
tion when reading register pages or the data-log mem-
ory using the Read Memory with CRC command and
for fast verification of a data transfer when writing to or
reading from the scratchpad. In contrast to the 8-bit
CRC, the 16-bit CRC is always communicated in the
inverted form. A CRC generator inside the DS1923
(Figure 15) calculates a new 16-bit CRC as shown in
the command flowchart of Figure 9. The bus master
compares the CRC value read from the device to the
one it calculates from the data and decides whether to
continue with an operation or to reread the portion of
the data with the CRC error. With the initial pass
through the Read Memory with CRC flowchart, the 16-
bit CRC value is the result of shifting the command byte
into the cleared CRC generator, followed by the 2
address bytes and the data bytes. The password is
excluded from the CRC calculation. Subsequent pass-
es through the Read Memory with CRC flowchart gen-
erate a 16-bit CRC that is the result of clearing the CRC
generator and then shifting in the data bytes.
With the Write Scratchpad command, the CRC is gener-
ated by first clearing the CRC generator and then shift-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com