Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS9101 Datasheet HTML 1Page - Maxim Integrated Products DS9101 Datasheet HTML 2Page - Maxim Integrated Products DS9101 Datasheet HTML 3Page - Maxim Integrated Products DS9101 Datasheet HTML 4Page - Maxim Integrated Products DS9101 Datasheet HTML 5Page - Maxim Integrated Products DS9101 Datasheet HTML 6Page - Maxim Integrated Products DS9101 Datasheet HTML 7Page - Maxim Integrated Products DS9101 Datasheet HTML 8Page - Maxim Integrated Products DS9101 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
Note 23: Reliability studies have shown that the device survives a minimum of 1000 cycles of condensation and drying, but this
product is not guaranteed for extended use in condensing environments.
Note 24: Software-corrected accuracy is accomplished using the method detailed in the
Software Correction Algorithm for
Temperature section.
Note 25: Every DS1923 device is measured and calibrated in a controlled, NIST-traceable RH environment.
Note 26: Higher accuracy versions may be available. Contact the factory for details.
Note 27: If this device is exposed to a high humidity environment (> 70%RH), and then exposed to a lower RH environment, the
device reads high for a period of time. The device typically reads within +0.5%RH at 20%RH, 30 minutes after being
exposed to continuous 80%RH for 30 minutes.
Note 28: All capacitive RH sensors can change their reading depending upon how long they have spent at high (> 70%RH) or low
RH (< 20%RH). This effect is called saturation drift and can be compensated through software, as described in the
Software Saturation Drift Compensation section.
Note 29: Individual RH readings always include a noise component (repeatability). To minimize measurement error, average as
many samples as is reasonable.
Note 30: Like all relative humidity sensors, when exposed to contaminants and/or conditions toward the limits of the safe operating
range, accuracy degradation can result (see the
Safe Operating Range graph). For maximum long-term stability, the sen-
sor should not be exposed or subjected to organic solvents, corrosive agents (e.g., strong acids, SO2, H2SO4, CI2, HCL,
H2S) and strong bases (i.e., compounds with a pH greater than 7). Dust settling on the filter surface does not affect the
sensor performance except to possibly decrease the speed of response. For more information on the RH sensor’s toler-
ance to chemicals visit: http://content.honeywell.com/sensing/prodinfo/humiditymoisture/technical/c15_144.pdf.
Note 31: Guaranteed by design; not production tested to -20°C.
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
_______________________________________________________________________________________
5
COMPARISON TABLE
LEGACY VALUES
DS1923 VALUES
STANDARD SPEED
(μs)
OVERDRIVE SPEED
(μs)
STANDARD SPEED
(μs)
OVERDRIVE SPEED
(μs)
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tSLOT (including tREC)
61
(undefined)
7
(undefined)
65
*
(undefined)
9.5
(undefined)
tRSTL
480
(undefined)
48
80
690
720
70
80
tPDH
15
60
2
6
15
63.5
2
7
tPDL
60
240
8
24
60
287
7
28
tW0L
60
120
6
16
60
120
7.5
12
*
Intentional change; longer recovery time requirement due to modified 1-Wire front-end.
Note: Numbers in bold are not in compliance with the published iButton standards.
iButton CAN PHYSICAL SPECIFICATION
SIZE
See the Package Information section.
WEIGHT
Ca. 5.0 grams
SAFETY
Meets UL 913, 5th Ed., Rev. 1997-02-24; Intrinsically Safe Apparatus, approval under Entity Concept for use in
Class I, Division 1, Group A, B, C, and D Locations.
ELECTRICAL CHARACTERISTICS (continued)
(VPUP = +3.0V to +5.25V, TA = -20°C to +85°C.) (Note 31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com