Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 21Page - Maxim Integrated Products DS9101 Datasheet HTML 22Page - Maxim Integrated Products DS9101 Datasheet HTML 23Page - Maxim Integrated Products DS9101 Datasheet HTML 24Page - Maxim Integrated Products DS9101 Datasheet HTML 25Page - Maxim Integrated Products DS9101 Datasheet HTML 26Page - Maxim Integrated Products DS9101 Datasheet HTML 27Page - Maxim Integrated Products DS9101 Datasheet HTML 28Page - Maxim Integrated Products DS9101 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
______________________________________________________________________________________
25
Before enabling password checking, passwords for
read-only access as well as for full access
(read/write/control) must be written to the password
registers. Setting up a password or enabling/dis-
abling the password checking is done in the same
way as writing data to a memory location; only the
address is different. Since they are located in the
same memory page, both passwords can be rede-
fined at the same time.
The Read Access Password must be transmitted exact-
ly in the sequence RP0, RP1…RP62, RP63. This pass-
word only applies to the Read Memory with CRC
command. The DS1923 delivers the requested data
only if the password transmitted by the master was cor-
rect or if password checking is not enabled.
The Full Access Password must be transmitted exactly
in the sequence FP0, FP1…FP62, FP63. It affects the
commands Read Memory with CRC, Copy Scratchpad,
Clear Memory, Start Mission, and Stop Mission. The
DS1923 executes the command only if the password
transmitted by the master was correct or if password
checking is not enabled.
Due to the special behavior of the write-access logic,
the Password Control register and both passwords
must be written at the same time. When setting up new
passwords, always verify (read back) the scratchpad
before sending the Copy Scratchpad command. After a
new password is successfully copied from the scratch-
pad to its memory location, erase the scratchpad by fill-
ing it with new data (Write Scratchpad command).
Otherwise, a copy of the passwords remains in the
scratchpad for public read access.
Read-Access Password Register Bitmap
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0228h
RP7
RP6
RP5
RP4
RP3
RP2
RP1
RP0
0229h
RP15
RP14
RP13
RP12
RP11
RP10
RP9
RP8
…
…
022Eh
RP55
RP54
RP53
RP52
RP51
RP50
RP49
RP48
022Fh
RP63
RP62
RP61
RP60
RP59
RP58
RP57
RP56
Full-Access Password Register Bitmap
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0230h
FP7
FP6
FP5
FP4
FP3
FP2
FP1
FP0
0231h
FP15
FP14
FP13
FP12
FP11
FP10
FP9
FP8
…
…
0236h
FP55
FP54
FP53
FP52
FP51
FP50
FP49
FP48
0237h
FP63
FP62
FP61
FP60
FP59
FP58
FP57
FP56
Note: There is only write access to this register. Attempting to read the password reports all zeros. The password cannot be
changed while a mission is in progress.
Note: There is only write access to this register. Attempting to read the password reports all zeros. The password cannot be
changed while a mission is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com