Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 28Page - Maxim Integrated Products DS9101 Datasheet HTML 29Page - Maxim Integrated Products DS9101 Datasheet HTML 30Page - Maxim Integrated Products DS9101 Datasheet HTML 31Page - Maxim Integrated Products DS9101 Datasheet HTML 32Page - Maxim Integrated Products DS9101 Datasheet HTML 33Page - Maxim Integrated Products DS9101 Datasheet HTML 34Page - Maxim Integrated Products DS9101 Datasheet HTML 35Page - Maxim Integrated Products DS9101 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
32
______________________________________________________________________________________
FROM FIGURE 9a
TO FIGURE 9a
TO FIGURE 9c
FROM FIGURE 9c
69h
READ MEMORY [WITH
PW] AND CRC
N
N
Y
Y
N
N
END OF MEMORY?
MASTER Tx RESET?
CRC OK?
MASTER Tx
64 BITS [PASSWORD]
MASTER Tx
TA1 [T7:T0], TA2 [T15:T8]
DS1923 SETS
MEMORY ADDRESS = [T15:T0]
MASTER Rx DATA BYTE FROM
MEMORY ADDRESS
Y
N
N
N
END OF PAGE?
DECISION MADE
BY MASTER
DECISION MADE
BY DS1923
Y
N
Y
Y
MASTER Tx RESET?
Y
PASSWORD
ACCEPTED?
MASTER Tx RESET
MASTER Rx "1"s
MASTER Rx CRC-16 OF
COMMAND, ADDRESS, DATA
(1ST PASS); CRC-16 OF DATA
(SUBSEQUENT PASSES)
DS1923
INCREMENTS
ADDRESS
COUNTER
N
Y
MASTER Tx
FFh DUMMY BYTE
MASTER Tx
64 BITS [PASSWORD]
DS1923 SETS
MEMCLR = 1
Y
MISSION IN
PROGRESS?
N
N
Y
MASTER Tx RESET?
Y
PASSWORD
ACCEPTED?
DS1923 CLEARS
MISSION TIMESTAMP,
MISSION SAMPLES COUNTER,
ALARM FLAGS
96h
CLEAR MEMORY
[WITH PW]
N
N
Y
MASTER Tx
FFh DUMMY BYTE
DS1923 COPIES RESULT TO
ADDRESS 020C/Dh
DS1923 PERFORMS A
TEMPERATURE CONVERSION
DS1923 PERFORMS A
HUMIDITY CONVERSION
DS1923 COPIES RESULT TO
ADDRESS 020E/Fh
Y
MISSION IN
PROGRESS?
N
MASTER Tx RESET?
Y
55h
FORCED CONVERSION?
Figure 9b. Memory/Control Function Flowchart (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com