Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 31Page - Maxim Integrated Products DS9101 Datasheet HTML 32Page - Maxim Integrated Products DS9101 Datasheet HTML 33Page - Maxim Integrated Products DS9101 Datasheet HTML 34Page - Maxim Integrated Products DS9101 Datasheet HTML 35Page - Maxim Integrated Products DS9101 Datasheet HTML 36Page - Maxim Integrated Products DS9101 Datasheet HTML 37Page - Maxim Integrated Products DS9101 Datasheet HTML 38Page - Maxim Integrated Products DS9101 Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
______________________________________________________________________________________
35
Memory Access Conflicts
While a mission is in progress or while the device is
waiting for a temperature alarm to start a mission, peri-
odically a temperature and/or humidity sample is taken
and logged. This “internal activity” has priority over
1-Wire communication. As a consequence, device-spe-
cific commands (excluding ROM function commands
and 1-Wire reset) do not perform properly when internal
and “external” activities interfere with each other. Not
affected are the commands Start Mission, Forced
Conversion, and Clear Memory, because they are not
applicable while a mission is in progress or while the
device is waiting for a temperature alarm. Table 5
explains how the remaining five commands are affect-
ed by internal activity, how to detect this interference,
and how to work around it.
The interference is more likely to be seen with a high-
sample rate (one sample every second) and with high-
resolution logging, which can last up to 666ms when
both temperature and humidity are recorded. With
lower sample rates, interference may hardly be visible
at all. In any case, when writing driver software it is
important to know about the possibility of interference
and to take measures to work around it.
Table 5. Memory Access Conflicts and Solutions
COMMAND
INDICATION OF INTERFERENCE
SOLUTION
Write Scratchpad
The CRC-16 at the end of the command flow reads
FFFFh.
Wait 0.5s, 1-Wire reset, address the device, repeat
Write Scratchpad with the same data, and check the
validity of the CRC-16 at the end of the command
flow. Alternatively, use Read Scratchpad to verify
data integrity.
Read Scratchpad
The data read changes to FFh bytes or all bytes
received are FFh, including the CRC at the end of
the command flow.
Wait 0.5s, 1-Wire reset, address the device, repeat
Read Scratchpad, and check the validity of the
CRC-16 at the end of the command flow.
Copy Scratchpad
The device behaves as if the authorization code or
password was not valid or as if the copy function
would not end.
Wait 0.5s, 1-Wire reset, address the device, issue
Read Scratchpad, and check the AA bit of the E/S
byte. If the AA bit is set, Copy Scratchpad was
successful.
Read Memory with
CRC
The data read changes to all FFh bytes or all bytes
received are FFh, including the CRC at the end of
the command flow, despite a valid password.
Wait 0.5s, 1-Wire reset, address the device, repeat
Read Memory with CRC, and check the validity of
the CRC-16 at the end of the memory page.
Stop Mission
The General Status register at address 0215h reads
FFh or the MIP bit is 1 while bits 0, 2, and 5 are 0.
Wait 0.5s, 1-Wire reset, address the device, and
repeat Stop Mission. Perform a 1-Wire reset, address
the device, read the General Status register at
address 0215h, and check the MIP bit. If the MIP bit
is 0, Stop Mission was successful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com