Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 19Page - Maxim Integrated Products DS9101 Datasheet HTML 20Page - Maxim Integrated Products DS9101 Datasheet HTML 21Page - Maxim Integrated Products DS9101 Datasheet HTML 22Page - Maxim Integrated Products DS9101 Datasheet HTML 23Page - Maxim Integrated Products DS9101 Datasheet HTML 24Page - Maxim Integrated Products DS9101 Datasheet HTML 25Page - Maxim Integrated Products DS9101 Datasheet HTML 26Page - Maxim Integrated Products DS9101 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
______________________________________________________________________________________
23
Mission Samples Counter Register Bitmap
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0220h
Low Byte
0221h
Center Byte
0222h
High Byte
Mission Timestamp Register Bitmap
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0219h
0
10 Seconds
Single Seconds
021Ah
0
10 Minutes
Single Minutes
021Bh
0
12/24
20 Hours
AM/PM
10 Hours
Single Hours
021Ch
0
0
10 Date
Single Date
021Dh
CENT
0
0
10 Months
Single Months
021Eh
10 Years
Single Years
Mission Start Delay
The content of the Mission Start Delay Counter register
tells how many minutes must expire from the time a mis-
sion was started until the first measurement of the mis-
sion takes place (SUTA = 0) or until the device starts
testing the temperature for a temperature alarm (SUTA =
1). The Mission Start Delay register is stored as an
unsigned 24-bit integer number. The maximum delay is
16,777,215min, equivalent to 11,650 days or roughly
31yr. If the start delay is nonzero and the SUTA bit is set
to 1, first the delay must expire before the device starts
testing for temperature alarms to begin logging data.
For a typical mission, the Mission Start Delay is 0. If a
mission is too long for a single DS1923 to store all read-
ings at the selected sample rate, one can use several
devices and set the Mission Start Delay for the second
device to start recording as soon as the memory of the
first device is full, and so on. The RO bit in the Mission
Control register (address 0213h) must be set to 0 to
prevent overwriting of collected data once the data-log
memory is full.
Mission Timestamp
The Mission Timestamp register indicates the date and time
of the first temperature and humidity sample of the mission.
There is only read access to the Mission Timestamp register.
Mission Progress Indicator
Depending on settings in the Mission Control register
(address 0213h), the DS1923 logs temperature and/or
humidity in 8-bit or 16-bit format. The description of the
ETL and EHL bit explains where the device stores data
in its data-log memory. The Mission Samples Counter
register together with the starting address and the log-
ging format (8 or 16 bits) provide the information to iden-
tify valid blocks of data that have been gathered during
the current (MIP = 1) or latest mission (MIP = 0). See the
Data-Log Memory Usage section for an illustration. Note
that when SUTA = 1, the Mission Samples Counter does
not increment when the first sample is logged.
The number read from the Mission Samples Counter indi-
cates how often the DS1923 woke up during a mission to
measure temperature and/or humidity. The number for-
mat is 24-bit unsigned integer. The Mission Samples
Counter is reset through the Clear Memory command.
Note: There is only read access to this register. Note that when both the internal temperature and humidity logging are enabled, the
two log readings are counted as one event in the Mission Samples Counter and Device Samples Counter.
Note: There is only read access to this register.
Mission Start Delay Counter Register Bitmap
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0216h
Delay Low Byte
0217h
Delay Center Byte
0218h
Delay High Byte
Note: During a mission, there is only read access to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com