Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 55 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 55 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 47Page - Maxim Integrated Products DS9101 Datasheet HTML 48Page - Maxim Integrated Products DS9101 Datasheet HTML 49Page - Maxim Integrated Products DS9101 Datasheet HTML 50Page - Maxim Integrated Products DS9101 Datasheet HTML 51Page - Maxim Integrated Products DS9101 Datasheet HTML 52Page - Maxim Integrated Products DS9101 Datasheet HTML 53Page - Maxim Integrated Products DS9101 Datasheet HTML 54Page - Maxim Integrated Products DS9101 Datasheet HTML 55Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 55 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 55
© 2011 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
8/04
Initial release
—
1
12/07
Changed bullet from “Hydrophobic Filter Protects Sensor Against Dust, Dirt, Water, and
Contaminants” to “Hydrophobic Filter Protects Sensor Against Dust, Dirt, Contaminants,
and Water Droplets/Condensation”; deleted “Application Pending” from UL bullet and
safety statement; added text to the Application section: Note that the initial sealing
level of DS1923 achieves IP56. Aging and use conditions can degrade the integrity of
the seal over time, so for applications with significant exposure to liquids, sprays, or
other similar environments, it is recommended to place the Hygrochron under a shield
to protect it. (See www.maxim-ic.com/AN4126). The hydrophobic filter may not protect
the DS1923 from destruction in the event of full submersion in liquid
1, 4, 10
2
4/09
Created newer template-style data sheet
All
3
10/09
Deleted the standard part number from the Ordering Information table
1
4
4/11
Updated UL certificate reference; added “Guaranteed by design” note to Electrical
Characteristics table; deleted
from the tW1L specification in the Electrical
Characteristics table; applied note 13 to the tW0L specification in the Electrical
Characteristics table; changed RTC accuracy specification in the Electrical
Characteristics table from numbers to graph; added more details to Electrical
Characteristics table notes 4, 13, and 14; revised the last sentence of the Parasite
Power section for more clarity; added paragraph on validation certificates to Detailed
Description section; added more details on the Device Samples Counter in the Other
Indicators section
1–5, 11, 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com