Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 24Page - Maxim Integrated Products DS9101 Datasheet HTML 25Page - Maxim Integrated Products DS9101 Datasheet HTML 26Page - Maxim Integrated Products DS9101 Datasheet HTML 27Page - Maxim Integrated Products DS9101 Datasheet HTML 28Page - Maxim Integrated Products DS9101 Datasheet HTML 29Page - Maxim Integrated Products DS9101 Datasheet HTML 30Page - Maxim Integrated Products DS9101 Datasheet HTML 31Page - Maxim Integrated Products DS9101 Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
28
______________________________________________________________________________________
The last step to begin a mission is to issue the Start
Mission command. As soon as it has received this com-
mand, the DS1923 sets the MIP flag and clears the
MEMCLR flag. With the immediate/delayed start mode
(SUTA = 0), after as many minutes as specified by the
Mission Start Delay are over, the device wakes up,
copies the current date and time to the Mission
Timestamp register, and logs the first entry of the mis-
sion. This increments both the Mission Samples
Counter and Device Samples Counter. All subsequent
log entries are made as specified by the value in the
Sample Rate register and the EHSS bit.
If the start upon temperature alarm mode is chosen
(SUTA = 1) and temperature logging is enabled (ETL =
1), the DS1923 first waits until the start delay is over.
Then the device wakes up in intervals as specified by
the sample rate and EHSS bit and measures the tem-
perature. This increments the Device Samples Counter
register only. The first sample of the mission is logged
when the temperature alarm occurred. However, the
Mission Samples Counter does not increment. One
sample period later the Mission Timestamp register is
set. From then on, both the Mission Samples Counter
and Device Samples Counter registers increment at the
same time. All subsequent log entries are made as
specified by the value in the Sample Rate register and
the EHSS bit.
The general-purpose memory operates independently of
the other memory sections and is not write protected
during a mission. All the DS1923’s memory can be read
at any time, e.g., to watch the progress of a mission.
Attempts to read the passwords read 00h bytes instead
of the data that is stored in the password registers.
Memory Access
Address Registers and Transfer Status
Because of the serial data transfer, the DS1923
employs three address registers called TA1, TA2, and
E/S (Figure 8). Registers TA1 and TA2 must be loaded
with the target address to which the data is written or
from which data is sent to the master upon a read com-
mand. Register E/S acts like a byte counter and trans-
fer status register. It is used to verify data integrity with
write commands. Therefore, the master only has read
access to this register. The lower 5 bits of the E/S regis-
ter indicate the address of the last byte that has been
written to the scratchpad. This address is called ending
offset. The DS1923 requires that the ending offset is
always 1Fh for a Copy Scratchpad to function. Bit 5
of the E/S register, called PF or partial byte flag, is set if
the number of data bits sent by the master is not an
integer multiple of 8. Bit 6 is always a 0. Note that the
lowest 5 bits of the target address also determine the
address within the scratchpad, where intermediate
storage of data begins. This address is called byte off-
set. If the target address for a Write Scratchpad com-
mand is 13Ch, for example, the scratchpad stores
incoming data beginning at the byte offset 1Ch and is
full after only 4 bytes. The corresponding ending offset
in this example is 1Fh. For best economy of speed and
BIT NUMBER
7
6
5
4
3
2
1
0
TARGET ADDRESS (TA1)
T7
T6
T5
T4
T3
T2
T1
T0
TARGET ADDRESS (TA2)
T15
T14
T13
T12
T11
T10
T9
T8
ENDING ADDRESS WITH
DATA STATUS (E/S)
(READ ONLY)
AA
0
PF
E4
E3
E2
E1
E0
Figure 8. Address Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com