Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 51 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 51 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 47Page - Maxim Integrated Products DS9101 Datasheet HTML 48Page - Maxim Integrated Products DS9101 Datasheet HTML 49Page - Maxim Integrated Products DS9101 Datasheet HTML 50Page - Maxim Integrated Products DS9101 Datasheet HTML 51Page - Maxim Integrated Products DS9101 Datasheet HTML 52Page - Maxim Integrated Products DS9101 Datasheet HTML 53Page - Maxim Integrated Products DS9101 Datasheet HTML 54Page - Maxim Integrated Products DS9101 Datasheet HTML 55Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
Software Correction Algorithm
for Humidity
The accuracy of humidity conversion results (forced
conversion as well as logged data) can be improved
through a correction algorithm. The data needed for
this software correction is stored in the calibration
memory (memory page 18). It consists of reference
humidity (Hr) and conversion result (Hc) for three differ-
ent humidity levels, as shown below. The data is taken
at 25°C.
The correction algorithm consists of two steps: prepara-
tion and execution. The preparation step first converts
humidity data from binary to decimal %RH format. Next,
three coefficients A, B, and C are computed. In the exe-
cution step the humidity reading as delivered by the
DS1923 (raw data) is first converted from the low/high-
byte format (HcL, HcH) to %RH (Hc) and then correct-
ed to Hcorr. Once step 1 is performed, the three
coefficients can be used repeatedly to correct any
humidity reading and humidity log of
the same device.
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
______________________________________________________________________________________
51
Numerical Temperature Correction Example
CONVERTED DATA FROM CALIBRATION MEMORY
ERROR VALUES
Tr2 = -10.1297°C
Tr3 = 24.6483°C
Tc2 = -10.0625°C
Tc3 = 24.5°C
Err2 = 0.0672°C
Err3 = -0.1483°C
Err1 = Err2
RESULTING CORRECTION COEFFICIENTS
APPLICATION OF CORRECTION COEFFICIENTS
TO SAMPLE READING
B = -0.008741
A = 0.000175/°C
C = -0.039332°C
Tc = 22.500000°C
Tcorr = 22.647275°C
Note: The software correction requires floating point arithmetic (24-bit or better). Suitable math libraries for microcontrollers are
found on various websites and are included in cross-compilers.
ADDRESS
DESIGNATOR
DESCRIPTION
0248h
Hr1H
Low reference humidity, high byte.
0249h
Hr1L
Low reference humidity, low byte.
024Ah
Hc1H
Conversion result at low reference humidity, high byte.
024Bh
Hc1L
Conversion result at low reference humidity, low byte.
024Ch
Hr2H
Medium reference humidity, high byte.
024Dh
Hr2L
Medium reference humidity, low byte.
024Eh
Hc2H
Conversion result at medium reference humidity, high byte.
024Fh
Hc2L
Conversion result at medium reference humidity, low byte.
0250h
Hr3H
High reference humidity, high byte.
0251h
Hr3L
High reference humidity, low byte.
0252h
Hc3H
Conversion result at high reference humidity, high byte.
0253h
Hc3L
Conversion result at high reference humidity, low byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com