| Electronic Components Datasheet Search |
|
DS9101 Datasheet(PDF) 36 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS9101 Datasheet(HTML) 36 Page - Maxim Integrated Products |
|
36 / 55 page ![]() Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory 36 ______________________________________________________________________________________ 1-Wire Bus System The 1-Wire bus is a system that has a single bus mas- ter and one or more slaves. In all instances the DS1923 is a slave device. The bus master is typically a micro- controller. The discussion of this bus system is broken down into three topics: hardware configuration, trans- action sequence, and 1-Wire signaling (signal types and timing). The 1-Wire protocol defines bus transac- tions in terms of the bus state during specific time slots that are initiated on the falling edge of sync pulses from the bus master. Hardware Configuration The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open-drain or three-state outputs. The 1-Wire port of the DS1923 is open drain with an internal circuit equivalent to that shown in Figure 10. A multidrop bus consists of a 1-Wire bus with multiple slaves attached. At standard speed the 1-Wire bus has a maximum data rate of 16.3kbps. The speed can be boosted to 142kbps by activating the overdrive mode. The DS1923 is not guaranteed to be fully compliant to the iButton standard. Its maximum data rate in standard speed is 15.4kbps and 125kbps in overdrive speed. The value of the pullup resistor primarily depends on the network size and load conditions. The DS1923 requires a pullup resistor of maximum 2.2k Ω at any speed. The idle state for the 1-Wire bus is high. If for any rea- son a transaction needs to be suspended, the bus must be left in the idle state if the transaction is to resume. If this does not occur and the bus is left low for more than 16μs (overdrive speed) or more than 120μs (standard speed), one or more devices on the bus may be reset. Note that the DS1923 does not quite meet the full 16μs maximum low time of the normal 1-Wire bus overdrive timing. With the DS1923 the bus must be left low for no longer than 12μs at overdrive to ensure that no DS1923 on the 1-Wire bus performs a reset. The DS1923 communicates properly when used in conjunc- tion with a DS2480B or DS2490 1-Wire driver and adapters that are based on these driver chips. Transaction Sequence The protocol for accessing the DS1923 through the 1-Wire port is as follows: • Initialization • ROM Function Command • Memory/Control Function Command • Transaction/Data Rx RPUP IL VPUP BUS MASTER OPEN-DRAIN PORT PIN 100 Ω MOSFET Tx Rx Tx DATA DS1923 1-Wire PORT Rx = RECEIVE Tx = TRANSMIT Figure 10. Hardware Configuration |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |