Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 53 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 53 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 47Page - Maxim Integrated Products DS9101 Datasheet HTML 48Page - Maxim Integrated Products DS9101 Datasheet HTML 49Page - Maxim Integrated Products DS9101 Datasheet HTML 50Page - Maxim Integrated Products DS9101 Datasheet HTML 51Page - Maxim Integrated Products DS9101 Datasheet HTML 52Page - Maxim Integrated Products DS9101 Datasheet HTML 53Page - Maxim Integrated Products DS9101 Datasheet HTML 54Page - Maxim Integrated Products DS9101 Datasheet HTML 55Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
RH Temperature Compensation
The data for the software correction of humidity is taken
at 25°C. Since the temperature characteristics of the
humidity sensor are known, humidity readings taken at
other temperatures can be corrected, provided the
temperature at the time of the humidity conversion is
also known. Therefore, to obtain the most accurate
humidity results, both temperature and humidity should
be logged.
Temperature compensation uses the following equation:
HTcorr = (Hcorr x K +
α x (T - 25°C)
-
β x (T - 25°C)2)/(K + γ x (T - 25°C) - δ x (T - 25°C)2)
Hcorr is the humidity reading with the software correc-
tion algorithm for humidity already applied, as
explained in the previous section. The function and val-
ues of the other parameters are explained in the table
below.
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
______________________________________________________________________________________
53
NAME
FUNCTION
VALUE
T
Temperature at the time of humidity conversion.
(in °C)
K
Humidity sensor conversion constant.
0.0307
Linear compensation, enumerator.
0.0035/°C
Quadratic compensation, enumerator.
0.000043/°C2
Linear compensation, denominator.
>15°C: 0.00001/°C
15°C: -0.00005/°C
Quadratic compensation, denominator.
0.000002/°C2
SAMPLE INPUT DATA
APPLICATION OF CORRECTION COEFFICIENTS TO SAMPLE READING
T = 70°C
Hcorr = 24.445%RH
= 0.00001/°C
HTcorr = (24.445 x 0.0307 + 0.0035 x 45 - 0.000043 x 452)/(0.0307 + 0.00001 x 45 - 0.000002 x 452)
HTcorr = 30.291%
Numerical RH Temperature Compensation Example
Software Saturation Drift
Compensation
Capacitive humidity sensors read higher humidity val-
ues than the actual humidity level when they are
exposed to a high-humidity environment for an extend-
ed time period. The DS1923’s humidity sensor pro-
duces readings that are higher than the actual humidity
when exposed to humidity levels of about 70%RH and
higher. This shift continues to increase while the device
remains at 70%RH and above. This effect is called sat-
uration drift, or hysteresis. This drift is reversible.
Readings return to their regular level when the DS1923
is removed from a high-humidity environment.
It is possible to compensate for most of the error intro-
duced by the saturation drift by post-processing tem-
perature and humidity logs using the equation below,
which is based on laboratory tests and curve-fitting
techniques.
ARHk
The average software-corrected and tempera-
ture-compensated humidity reading of the kth
hour that the device is continuously exposed
to 70%RH or higher.
Tk
The average software-corrected temperature
reading of the kth hour that the device is
continuously exposed to 70%RH or higher.
N
The number of hours that the device is contin-
uously exposed to 70%RH or higher.
HTcorr
The humidity reading at the end of the Nth
hour with the software correction algorithm for
humidity and temperature compensation
already applied. See the
Software Correction
Algorithm for Humidity and RH Temperature
Compensation sections for details.
The numbers in the equation are derived from curve fit-
ting. They apply to a time scale in hours.
HScorr
HTcorr
ARHk
k
=−
××
+
−×
0 0156
2 54
1
0 3502
..
.
T
Tk
k
N
−
()
∑
=
25 100
1
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com