Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS9101 Datasheet HTML 1Page - Maxim Integrated Products DS9101 Datasheet HTML 2Page - Maxim Integrated Products DS9101 Datasheet HTML 3Page - Maxim Integrated Products DS9101 Datasheet HTML 4Page - Maxim Integrated Products DS9101 Datasheet HTML 5Page - Maxim Integrated Products DS9101 Datasheet HTML 6Page - Maxim Integrated Products DS9101 Datasheet HTML 7Page - Maxim Integrated Products DS9101 Datasheet HTML 8Page - Maxim Integrated Products DS9101 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VPUP = +3.0V to +5.25V, TA = -20°C to +85°C.) (Note 31)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RH Accuracy and
Interchangeability
With software correction
(Notes 18, 19, 24, 25, 26)
±5
%RH
RH Nonlinearity
With software correction (Note 18)
< 1
RH Hysteresis
(Notes 27, 28)
0.5
%RH
RH Repeatability
(Note 29)
±0.5
%RH
Long-Term Stability
At 50%RH (Note 30)
< 1.0
%RH/
year
Note 1:
System requirement.
Note 2:
Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire recovery
times. The specified value here applies to systems with only one device and with the minimum 1-Wire recovery times. For
more heavily loaded systems, an active pullup such as that in the DS2480B may be required.
Note 3:
Capacitance on the data pin could be 800pF when VPUP is first applied. If a 2.2k
Ω resistor is used to pull up the data line,
2.5μs after VPUP has been applied, the parasite capacitance does not affect normal communications.
Note 4:
VTL and VTH are functions of the internal supply voltage, which is a function of VPUP and the 1-Wire recovery times. The
VTH and VTL maximum specifications are valid at VPUP = 5.25V. In any case, VTL < VTH < VPUP.
Note 5:
Voltage below which, during a falling edge on IO, a logic 0 is detected.
Note 6:
The voltage on IO must be less than or equal to VILMAX whenever the master drives the line low.
Note 7:
Voltage above which, during a rising edge on IO, a logic 1 is detected.
Note 8:
After VTH is crossed during a rising edge on IO, the voltage on IO must drop by VHY to be detected as logic 0.
Note 9:
The I-V characteristic is linear for voltages less than 1V.
Note 10: The earliest recognition of a negative edge is possible at tREH after VTH has been previously reached.
Note 11: Numbers in bold are not in compliance with the published iButton standards. See the
Comparison Table.
Note 12: Interval during the negative edge on IO at the beginning of a presence-detect pulse between the time at which the voltage
is 90% of VPUP and the time at which the voltage is 10% of VPUP.
Note 13:
ε in Figure 13 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to VTH. The actual
maximum duration for the master to pull the line low is tW1LMAX + tF -
ε and tW0LMAX + tF - ε, respectively.
Note 14:
δ in Figure 13 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to the input high
threshold of the bus master. The actual maximum duration for the master to pull the line low is tRLMAX + tF.
Note 15: To conserve battery power, use 8-bit temperature logging whenever possible.
Note 16: This number was derived from a test conducted by Cemagref in Antony, France, in July 2000:
www.cemagref.fr/English/index.htm Test Report No. E42.
Note 17: For software-corrected accuracy, assume correction using calibration coefficients with calibration equations for error
compensation.
Note 18: Software correction for humidity and temperature is handled automatically using the 1-Wire Viewer Software package
available at: www.ibutton.com.
Note 19: Warning: Not for use as the sole method of measuring or tracking temperature and/or humidity in products and articles
that could affect the health or safety of persons, plants, animals, or other living organisms, including but not limited to
foods, beverages, pharmaceuticals, medications, blood and blood products, organs, and flammable and combustible
products. User shall assure that redundant (or other primary) methods of testing and determining the handling methods,
quality, and fitness of the articles and products should be implemented. Temperature and/or humidity tracking with this
product, where the health or safety of the aforementioned persons or things could be adversely affected, is only recom-
mended when supplemental or redundant information sources are used. Data-logger products are 100% tested and cali-
brated at time of manufacture by Maxim to ensure that they meet all data sheet parameters, including temperature
accuracy. User shall be responsible for proper use and storage of this product. As with any sensor-based product, user
shall also be responsible for occasionally rechecking the accuracy of the product to ensure it is still operating properly.
Note 20: All humidity specifications are determined at +25°C except where specifically indicated.
Note 21: Response time is determined by measuring the 1/e point as the device transitions from 40%RH to 90%RH or 90%RH to
40%RH, whichever is slower. Test was performed at 5L/min airflow.
Note 22: All DS1923 humidity measurements are 12-bit readings. Missioning determines 8-bit or 16-bit data logging. Battery life-
time is the same no matter what RH resolution is logged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com