Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 47Page - Maxim Integrated Products DS9101 Datasheet HTML 48Page - Maxim Integrated Products DS9101 Datasheet HTML 49Page - Maxim Integrated Products DS9101 Datasheet HTML 50Page - Maxim Integrated Products DS9101 Datasheet HTML 51Page - Maxim Integrated Products DS9101 Datasheet HTML 52Page - Maxim Integrated Products DS9101 Datasheet HTML 53Page - Maxim Integrated Products DS9101 Datasheet HTML 54Page - Maxim Integrated Products DS9101 Datasheet HTML 55Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
HScorr = HTcorr - Sum of partial corrections
= 93.70207%RH - 3.458875%RH
HScorr = 90.24319%RH
The data in this example was taken from devices that
were exposed for several hours to 90%RH at 25°C in a
test chamber. The drift per hour decreases the longer
the device is exposed to high humidity. The correction
algorithm compensates for the drift reasonably well. For
some applications, compensation may not be neces-
sary since the error introduced by the saturation is rela-
tively small.
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
54
______________________________________________________________________________________
SAMPLE INPUT DATA (N = 8)
APPLICATION OF CORRECTION ALGORITHM
k (HOUR)
Tk (°C)
ARHk (%RH)
PARTIAL CORRECTIONS (INDIVIDUAL ADDENDS)
1
25.1
91.1
1.024321
2
25.0
92.5
0.751140
3
24.9
92.9
0.544824
4
25.0
93.1
0.393535
5
25.1
93.2
0.283950
6
25.1
93.3
0.205086
7
25.0
93.6
0.148591
8
24.9
93.7
0.107428
HTcorr = 93.70207%RH
Sum of partial corrections:
3.458875
Numerical Saturation Drift Compensation Example
u t
t o n
®. c
Hyg
rochron
™
16.25mm
5.89mm
0.51mm
17.35mm
FRONT-SIDE BRANDING
GND
IO
A1
41
000000FBC52B
1-Wire®
Hygrochron™
u t
t o n
®. c
W
W
ZZZ DS192
3 -
BACK-SIDE BRANDING
®
Pin Configuration
Package Information
For the latest package outline information and land patterns (footprints), go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains
to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
F5 iButton
IB#6HB
21-0266
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com