Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 20Page - Maxim Integrated Products DS9101 Datasheet HTML 21Page - Maxim Integrated Products DS9101 Datasheet HTML 22Page - Maxim Integrated Products DS9101 Datasheet HTML 23Page - Maxim Integrated Products DS9101 Datasheet HTML 24Page - Maxim Integrated Products DS9101 Datasheet HTML 25Page - Maxim Integrated Products DS9101 Datasheet HTML 26Page - Maxim Integrated Products DS9101 Datasheet HTML 27Page - Maxim Integrated Products DS9101 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
24
______________________________________________________________________________________
Other Indicators
The Device Samples Counter register is similar to the
Mission Samples Counter register. During a mission this
counter increments whenever the DS1923 wakes up to
measure and log data and when the device is testing
for a temperature alarm in Start Mission Upon
Temperature Alarm mode. Between missions, the
counter increments whenever the Forced Conversion
command is executed. This way the Device Samples
Counter register functions like a gas gauge for the bat-
tery that powers the iButton.
The Device Samples Counter register is reset to zero
when the iButton is assembled. The number format is
24-bit unsigned integer. The maximum number that can
be represented in this format is 16,777,215. Due to the
calibration and tests at the factory, new devices can
have a count value of up to 35,000. The typical value is
well below 10,000.
The code in the Device Configuration register allows the
master to distinguish between the DS2422 chip and dif-
ferent versions of the DS1922 iButtons. The
Device
Configuration Register Bitmap table shows the codes
assigned to the various devices.
Security by Password
The DS1923 is designed to use two passwords that
control read access and full access. Reading from or
writing to the scratchpad as well as the Forced
Conversion command does not require a password.
The password must be transmitted immediately after
the command code of the memory or control function. If
password checking is enabled, the password transmit-
ted is compared to the passwords stored in the device.
The data pattern stored in the Password Control regis-
ter determines whether password checking is enabled.
To enable password checking, the EPW bits need to
form a binary pattern of 10101010 (AAh). The default
pattern of EPW is different from AAh. If the EPW pattern
is different from AAh, any pattern is accepted as long
as it has a length of exactly 64 bits. Once enabled,
changing the passwords and disabling password
checking requires the knowledge of the current full-
access password.
Device Samples Counter Register Bitmap
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0223h
Low Byte
0224h
Center Byte
0225h
High Byte
Password Control Register Bitmap
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0227h
EPW
Device Configuration Register Bitmap
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PART
0
0
0
0
0
0
0
0
DS2422
0
0
1
0
0
0
0
0
DS1923
0
1
0
0
0
0
0
0
DS1922L
0
1
1
0
0
0
0
0
DS1922T
0226h
1
0
0
0
0
0
0
0
DS1922E
Note: There is only read access to this register.
Note: There is only read access to this register.
Note: During a mission, there is only read access to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com