| Electronic Components Datasheet Search |
|
DS9101 Datasheet(PDF) 42 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS9101 Datasheet(HTML) 42 Page - Maxim Integrated Products |
|
42 / 55 page ![]() Master-to-Slave For a write-one time slot, the voltage on the data line must have crossed the VTH threshold before the write-one low time tW1LMAX is expired. For a write-zero time slot, the voltage on the data line must stay below the VTH threshold until the write-zero low time tW0LMIN is expired. The voltage on the data line should not exceed VILMAX during the entire tW0L or tW1L window. After the VTH threshold has been crossed, the DS1923 needs a recov- ery time tREC before it is ready for the next time slot. Slave-to-Master A read-data time slot begins like a write-one time slot. The voltage on the data line must remain below VTL until the read low time tRL is expired. During the tRL window, when responding with a 0, the DS1923 starts pulling the data line low; its internal timing generator determines when this pulldown ends and the voltage starts rising again. When responding with a 1, the DS1923 does not hold the data line low at all, and the voltage starts rising as soon as tRL is over. The sum of tRL + δ (rise time) on one side and the inter- nal timing generator of the DS1923 on the other side define the master sampling window (tMSRMIN to tMSRMAX) in which the master must perform a read from the data line. For most reliable communication, tRL should be as short as permissible and the master should read close to but no later than tMSRMAX. After reading from the data line, the master must wait until tSLOT is expired. This guarantees sufficient recovery time tREC for the DS1923 to get ready for the next time slot. Improved Network Behavior (Switchpoint Hysteresis) In a 1-Wire environment, line termination is possible only during transients controlled by the bus master (1- Wire driver). 1-Wire networks, therefore, are susceptible to noise of various origins. Depending on the physical size and topology of the network, reflections from end points and branch points can add up or cancel each other to some extent. Such reflections are visible as glitches or ringing on the 1-Wire communication line. Noise coupled onto the 1-Wire line from external sources can also result in signal glitching. A glitch dur- ing the rising edge of a time slot can cause a slave device to lose synchronization with the master and, as a consequence, result in a Search ROM command coming to a dead end or cause a device-specific func- tion command to abort. For better performance in net- work applications, the DS1923 uses a new 1-Wire front-end, which makes it less sensitive to noise and also reduces the magnitude of noise injected by the slave device itself. The DS1923’s 1-Wire front-end differs from traditional slave devices in four characteristics: 1) The falling edge of the presence pulse has a con- trolled slew rate. This provides a better match to the line impedance than a digitally switched transistor, converting the high-frequency ringing known from traditional devices into a smoother, low-bandwidth transition. The slew-rate control is specified by the parameter tFPD, which has different values for stan- dard and overdrive speed. 2) There is additional lowpass filtering in the circuit that detects the falling edge at the beginning of a time slot. This reduces the sensitivity to high-frequency noise. This additional filtering does not apply at over- drive speed. 3) There is a hysteresis at the low-to-high switching threshold VTH. If a negative glitch crosses VTH but does not go below VTH - VHY, it is not recognized (Figure 14, Case A). The hysteresis is effective at any 1-Wire speed. 4) There is a time window specified by the rising edge hold-off time tREH during which glitches are ignored, even if they extend below VTH - VHY threshold (Figure 14, Case B, tGL < tREH). Deep voltage droops or glitches that appear late after crossing the VTH threshold and extend beyond the tREH window cannot be filtered out and are taken as the begin- ning of a new time slot (Figure 14, Case C, tGL ≥ tREH). Devices that have the parameters tFPD, VHY, and tREH specified in their electrical characteristics use the improved 1-Wire front-end. Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory 42 ______________________________________________________________________________________ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |