Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 41 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 41 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 37Page - Maxim Integrated Products DS9101 Datasheet HTML 38Page - Maxim Integrated Products DS9101 Datasheet HTML 39Page - Maxim Integrated Products DS9101 Datasheet HTML 40Page - Maxim Integrated Products DS9101 Datasheet HTML 41Page - Maxim Integrated Products DS9101 Datasheet HTML 42Page - Maxim Integrated Products DS9101 Datasheet HTML 43Page - Maxim Integrated Products DS9101 Datasheet HTML 44Page - Maxim Integrated Products DS9101 Datasheet HTML 45Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
______________________________________________________________________________________
41
1-Wire Signaling
The DS1923 requires strict protocols to ensure data
integrity. The protocol consists of four types of signaling
on one line: reset sequence with reset pulse and pres-
ence pulse, write-zero, write-one, and read-data. Except
for the presence pulse, the bus master initiates all these
signals. The DS1923 can communicate at two different
speeds: standard speed and overdrive speed. If not
explicitly set into the overdrive mode, the DS1923 com-
municates at standard speed. While in overdrive mode
the fast timing applies to all waveforms.
To get from idle to active, the voltage on the 1-Wire line
needs to fall from VPUP below the threshold VTL. To get
from active to idle, the voltage needs to rise from
VILMAX past the threshold VTH. The time it takes for the
voltage to make this rise is seen in Figure 12 as “
ε” and
its duration depends on the pullup resistor (RPUP) used
and the capacitance of the 1-Wire network attached.
The voltage VILMAX is relevant for the DS1923 when
determining a logical level, not triggering any events.
The initialization sequence required to begin any com-
munication with the DS1923 is shown in Figure 12. A
reset pulse followed by a presence pulse indicates the
DS1923 is ready to receive data, given the correct ROM
and memory function command. If the bus master uses
slew-rate control on the falling edge, it must pull down
the line for tRSTL + tF to compensate for the edge. A
tRSTL duration of 690μs or longer exits the overdrive
mode, returning the device to standard speed. If the
DS1923 is in overdrive mode and tRSTL is no longer
than 80μs, the device remains in overdrive mode.
After the bus master has released the line, it goes into
receive mode (Rx). Now the 1-Wire bus is pulled to
VPUP through the pullup resistor or, in the case of a
DS2480B driver, through active circuitry. When the
threshold VTH is crossed, the DS1923 waits for tPDH
and then transmits a presence pulse by pulling the line
low for tPDL. To detect a presence pulse, the master
must test the logical state of the 1-Wire line at tMSP.
The tRSTH window must be at least the sum of
tPDHMAX, tPDLMAX, and tRECMIN. Immediately after
tRSTH is expired, the DS1923 is ready for data commu-
nication. In a mixed population network, tRSTH should
be extended to minimum 480μs at standard speed and
48μs at overdrive speed to accommodate other 1-Wire
devices.
Read/Write Time Slots
Data communication with the DS1923 takes place in
time slots that carry a single bit each. Write time slots
transport data from bus master to slave. Read time slots
transfer data from slave to master. The definitions of the
write and read time slots are illustrated in Figure 13.
All communication begins with the master pulling the
data line low. As the voltage on the 1-Wire line falls
below the threshold VTL, the DS1923 starts its internal
timing generator that determines when the data line is
sampled during a write time slot and how long data is
valid during a read time slot.
RESISTOR
MASTER
DS1923
tRSTL
tPDL
tRSTH
tPDH
MASTER Tx "RESET PULSE"
MASTER Rx "PRESENCE PULSE"
VPUP
VIHMASTER
VTH
VTL
VILMAX
0V
ε
tF
tREC
tMSP
Figure 12. Initialization Procedure: Reset and Presence Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com