Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 47 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 47 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 43Page - Maxim Integrated Products DS9101 Datasheet HTML 44Page - Maxim Integrated Products DS9101 Datasheet HTML 45Page - Maxim Integrated Products DS9101 Datasheet HTML 46Page - Maxim Integrated Products DS9101 Datasheet HTML 47Page - Maxim Integrated Products DS9101 Datasheet HTML 48Page - Maxim Integrated Products DS9101 Datasheet HTML 49Page - Maxim Integrated Products DS9101 Datasheet HTML 50Page - Maxim Integrated Products DS9101 Datasheet HTML 51Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
______________________________________________________________________________________
47
Mission Example: Prepare
and Start a New Mission
Assumption: The previous mission has been ended by
using the Stop Mission command. Passwords are not
enabled. The device is a DS1923.
Starting a mission requires three steps:
Step 1: Clear the data of the previous mission.
Step 2: Write the setup data to register page 1.
Step 3: Start the new mission.
Step 1: Clear the data of the previous mission.
With only a single device connected to the bus master,
the communication of step 1 looks like this:
RST
Forced Conversion
PD
FC
Select
FF Loop
FFh
To read the result and to verify success, read the addresses 020Ch to 020Fh (results) and the Device Samples
Counter at address 0223h to 0225h. If the count has incremented, the command was executed successfully.
FF Loop
RST
Start Mission with Password
PD
SM
Select
<PW/Dummy>
FFh
To verify success, read the General Status register at address 0215h. If MIP is 1 and MEMCLR is 0, the command
was executed successfully.
RST
Stop Mission with Password
PD
STP
Select
FF Loop
<PW/Dummy>
FFh
To verify success, read the General Status register at address 0215h. If MIP is 0, the command was executed
successfully.
1-Wire Communication Examples (continued)
MASTER MODE
DATA (LSB FIRST)
COMMENTS
Tx
(Reset)
Reset pulse
Rx
(Presence)
Presence pulse
Tx
CCh
Issue “Skip ROM” command
Tx
96h
Issue “Clear Memory” command
Tx
<8 FFh bytes>
Send dummy password
Tx
FFh
Send dummy byte
Tx
(Reset)
Reset pulse
Rx
(Presence)
Presence pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com