Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 48 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 48 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 44Page - Maxim Integrated Products DS9101 Datasheet HTML 45Page - Maxim Integrated Products DS9101 Datasheet HTML 46Page - Maxim Integrated Products DS9101 Datasheet HTML 47Page - Maxim Integrated Products DS9101 Datasheet HTML 48Page - Maxim Integrated Products DS9101 Datasheet HTML 49Page - Maxim Integrated Products DS9101 Datasheet HTML 50Page - Maxim Integrated Products DS9101 Datasheet HTML 51Page - Maxim Integrated Products DS9101 Datasheet HTML 52Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
48
______________________________________________________________________________________
Step 2: Write the setup data to register page 1.
During the setup, the device needs to learn the follow-
ing information:
• Time and Date
• Sample Rate
• Alarm Thresholds
• Alarm Controls (Response to Conditional Search ROM)
• General Mission Parameters (e.g., Channels to Log
and Logging Format, Rollover, Start Mode)
• Mission Start Delay
The following data sets up the DS1923 for a mission
that logs temperature and humidity using 8-bit format
for both.
ADDRESS
DATA
EXAMPLE VALUES
FUNCTION
0200h
00h
0201h
30h
0202h
15h
15:30:00 hours
Time
0203h
15h
0204h
05h
0205h
04h
15th of May in 2004
Date
0206h
0Ah
0207h
00h
Every 10 minutes (EHSS = 0)
Sample rate
0208h
66h
0209h
7Ah
10°C Low
20°C High
Temperature Alarm Thresholds
020Ah
6Fh
020Bh
9Eh
40%RH Low
70%RH High
Humidity Alarm Threshold, no software
correction used
020Ch
FFh
020Dh
FFh
020Eh
FFh
020Fh
FFh
(Don’t care)
Clock through read-only registers
0210h
03h
Enable high and low alarm
Temperature Alarm Control
0211h
FFh
Enable high and low alarm
Humidity Alarm Control
0212h
01h
On (enabled), EHSS = 0 (low sample rate)
RTC Oscillator Control, sample rate selection
0213h
C3h
Normal start; no rollover; 8-bit logging
General Mission Control
0214h
FFh
0215h
FFh
(Don’t care)
Clock through read-only registers
0216h
5Ah
0217h
00h
0218h
00h
90 minutes
Mission Start Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com