Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 22Page - Infineon Technologies AG TLE5012 Datasheet HTML 23Page - Infineon Technologies AG TLE5012 Datasheet HTML 24Page - Infineon Technologies AG TLE5012 Datasheet HTML 25Page - Infineon Technologies AG TLE5012 Datasheet HTML 26Page - Infineon Technologies AG TLE5012 Datasheet HTML 27Page - Infineon Technologies AG TLE5012 Datasheet HTML 28Page - Infineon Technologies AG TLE5012 Datasheet HTML 29Page - Infineon Technologies AG TLE5012 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
26
V 1.0, 2010-11
3.4.6
Clock Supply (CLK Timing Definition)
If the external clock supply is selected, the clock signal input CLK must fulfill certain requirements:
•
The high or low pulse width must not exceed the specified values, because the PLL needs a minimum pulse
width and must be spike filtered.
•
The duty cycle factor should be 0.5 but can deviate to the values limited by tCLKh(f_min) and tCLKl(f_min).
•
The PLL is triggered at the positive edge of the clock; if more than 2 edges are missing, a chip reset is
generated automatically.
Figure 14
External CLK timing definition
Table 11
CLK timing specification
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Input frequency
fCLK
3.8
4.0
4.2
MHz
CLK duty cycle1)2)
1) Minimum Duty Cycle Factor: tCLKh(f_min) / tCLK(f_min) with tCLK(f_min)= 1 / fCLK(f_min)
2) Maximum Duty Cycle Factor: tCLKh(f_max) / tCLK(f_min) with tCLKh(f_max)= tCLK(f_min) - tCLKl(min)
CLKDUTY
30
50
70
%
CLK rise time
tCLKr
-
-
30
ns
From VL to VH
3)
3) Not subject to production test - verified by design/characterization
CLK fall time
tCLKf
-
-
30
ns
From VH to VL
3)
Digital clock
fDIG
22.8
24
25.2
MHz
Internal oscillator frequency
fCLK
3.8
4.0
4.2
MHz
tCLKh
tCLKl
tCLK
t
VL
VH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com