Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 27Page - Infineon Technologies AG TLE5012 Datasheet HTML 28Page - Infineon Technologies AG TLE5012 Datasheet HTML 29Page - Infineon Technologies AG TLE5012 Datasheet HTML 30Page - Infineon Technologies AG TLE5012 Datasheet HTML 31Page - Infineon Technologies AG TLE5012 Datasheet HTML 32Page - Infineon Technologies AG TLE5012 Datasheet HTML 33Page - Infineon Technologies AG TLE5012 Datasheet HTML 34Page - Infineon Technologies AG TLE5012 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
31
V 1.0, 2010-11
Safety Word
The Safety Word contains following bits:
Bit Types
The types of bits used in the registers are listed here:
ADDR
[9..4]
6-bit Address
ND
[3..0]
4-bit Number of data words
Table 16
Structure of the Safety Word
Name
Bits
Description
STAT
Chip and Interface Status
[15]
Indication of chip reset (resets after readout) via SSC
0: Reset occurred
1: No reset
Reset: 1B
[14]
System error (e.g. overvoltage; undervoltage; VDD-, GND- off; ROM;...)
0: Error occurred (S_VR; S_DSPU; S_OV; S_XYOL: S_MAGOL; S_ADCM;
S_FUSE)
1: No error
[13]
Interface access error (access to wrong address; wrong lock)
0: Error occurred
1: No error
[12]
Valid angle value (no system error; no interface error; NO_GMR_A = ’0’;
NO_GMR_XY=’0’)
0: Angle value invalid
1: Angle value valid
RESP
[11..8]
Sensor number response indicator
The sensor no. bit is pulled low and the other bits are high
CRC
[7..0]
Cyclic Redundancy Check
Table 17
Bit types
Abbreviation
Function
Description
R
Read
Read-only registers
W
Write
Read and write registers
U
Update
Update buffer for this bit is present. If an update is issued and the Update
Register Access bit (UPD in Command Word) is set, the immediate values
are stored in this update buffer simultaneously. This enables a snapshot of
all necessary system parameters at the same time.
Table 15
Structure of the Command Word
Name
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com